データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

ISD1720P データシート (PDF) - SYC Electronica

ISD1720P Datasheet PDF - SYC Electronica
部品番号 ISD1720P
ダウンロード  ISD1720P ダウンロード
ファイルサイズ   430.14 Kbytes
ページ   24 Pages
メーカー  SYC [SYC Electronica]
ホームページ  https://www.sycelectronica.com.ar/index.php
Logo SYC - SYC Electronica
部品情報 Multi-Message Single-Chip Voice Record & Playback Device

ISD1720P Datasheet (PDF)

Go To PDF Page ダウンロード データシート
ISD1720P Datasheet PDF - SYC Electronica

部品番号 ISD1720P
ダウンロード  ISD1720P Click to download

ファイルサイズ   430.14 Kbytes
ページ   24 Pages
メーカー  SYC [SYC Electronica]
ホームページ  https://www.sycelectronica.com.ar/index.php
Logo SYC - SYC Electronica
部品情報 Multi-Message Single-Chip Voice Record & Playback Device

ISD1720P データシート (HTML) - SYC Electronica


ISD1720P 製品詳細

1 GENERAL DESCRIPTION
The Winbond® ISD1720 ChipCorder® is a high quality, fully integrated, single-chip multi-message voice
record and playback device ideally suited to a variety of electronic systems. The message duration is
user selectable in ranges from 26 seconds to 120 seconds, depending on the specific device. The
sampling frequency of each device can also be adjusted from 4 kHz to 12 kHz with an external
resistor, giving the user greater flexibility in duration versus recording quality for each application.
Operating voltage spans a range from 2.4 V to 5.5 V to ensure that the ISD1720 device are optimized
for a wide range of battery or line-powered applications.
The ISD1720 is designed for operation in either standalone or microcontroller (SPI) mode. The device
incorporates a proprietary message management system that allows the chip to self-manage address
locations for multiple messages. This unique feature provides sophisticated messaging flexibility in a
simple push-button environment. The device include an on-chip oscillator (with external resistor
control), microphone preamplifier with Automatic Gain Control (AGC), an auxiliary analog input, antialiasing
filter, Multi-Level Storage (MLS) array, smoothing filter, volume control, Pulse Width
Modulation (PWM) Class D speaker driver, and current/voltage output.
The ISD1720 device also support an optional “vAlert” (voiceAlert) feature that can be used as a new
message indicator. With vAlert, the device flashes an external LED to indicate that a new message is
present. Besides, four special sound effects are reserved for audio confirmation of operations, such as
“Start Record”, “Stop Record”, “Erase”, “Forward”, “Global Erase”, and etc.
Recordings are stored into on-chip Flash memory, providing zero-power message storage. This unique
single-chip solution is made possible through Winbond’s patented Multi-Level Storage (MLS)
technology. Audio data are stored directly in solid-state memory without digital compression, providing
superior quality voice and music reproduction.
Voice signals can be fed into the chip through two independent paths: a differential microphone input
and a single-ended analog input. For outputs, the ISD1720 provides a Pulse Width Modulation (PWM)
Class D speaker driver and a separate analog output simultaneously. The PWM can directly drive a
standard 8Ω speaker or typical buzzer, while the separate analog output can be configured as a
single-ended current or voltage output to drive an external amplifier.
While in Standalone mode, the ISD1720 device automatically enter into power down mode for power
conservation after an operation is completed.
In the SPI mode, the user has full control via the serial interface in operating the device. This includes
random access to any location inside the memory array by specifying the start address and end
address of operations. SPI mode also allows access to the Analog Path Configuration (APC) register.
This register allows flexible configuration of audio paths, inputs, outputs and mixing. The APC default
configuration for standalone mode can also be modified by storing the APC data into a non-volatile
register (NVCFG) that is loaded at initialization. Utilizing the capabilities of ISD1720 Device, designers
have the control and flexibility to implement voice functionality into the high-end products.




同様の部品番号 - ISD1720P

メーカー部品番号データシート部品情報
logo
Winbond
ISD17210 WINBOND-ISD17210 Datasheet
356Kb / 24P
Multi-Message Single-Chip Voice Record & Playback Devices
ISD17210EY WINBOND-ISD17210EY Datasheet
356Kb / 24P
Multi-Message Single-Chip Voice Record & Playback Devices
ISD17210EY01 WINBOND-ISD17210EY01 Datasheet
356Kb / 24P
Multi-Message Single-Chip Voice Record & Playback Devices
ISD17210EYI WINBOND-ISD17210EYI Datasheet
356Kb / 24P
Multi-Message Single-Chip Voice Record & Playback Devices
ISD17210EYI01 WINBOND-ISD17210EYI01 Datasheet
356Kb / 24P
Multi-Message Single-Chip Voice Record & Playback Devices
More results


同様の説明 - ISD1720P

メーカー部品番号データシート部品情報
logo
Winbond
ISD1700A WINBOND-ISD1700A Datasheet
360Kb / 31P
Multi-Message Single-Chip Voice Record&Playback Devices
ISD1810 WINBOND-ISD1810 Datasheet
278Kb / 18P
Single-Chip, Single-Message Voice Record/Playback Device 8- to 16-Second Durations
ISD1700 WINBOND-ISD1700 Datasheet
356Kb / 24P
Multi-Message Single-Chip Voice Record & Playback Devices
logo
List of Unclassifed Man...
ISD1964SYI ETC2-ISD1964SYI Datasheet
499Kb / 29P
SINGLE-CHIP, MULTIPLE-MESSAGE VOICE RECORD/PLAYBACK DEVICE
logo
Nuvoton Technology Corp...
ISD14B00 NUVOTON-ISD14B00 Datasheet
993Kb / 27P
SINGLE-CHIP, MULTIPLE-MESSAGE VOICE RECORD/PLAYBACK DEVICE
ISD18B00 NUVOTON-ISD18B00 Datasheet
610Kb / 20P
SINGLE-CHIP, SINGLE-MESSAGE VOICE RECORD/PLAYBACK DEVICE
ISD18C00 NUVOTON-ISD18C00 Datasheet
332Kb / 23P
SINGLE-CHIP, SINGLE-MESSAGE VOICE RECORD/PLAYBACK DEVICE 6- TO 16-SECOND DURATION
ISD1700 NUVOTON-ISD1700 Datasheet
990Kb / 23P
Multi-Message Single-Chip Voice Record & Playback Devices
ISD1900 NUVOTON-ISD1900 Datasheet
954Kb / 29P
SINGLE-CHIP, MULTIPLE-MESSAGE VOICE RECORD/PLAYBACK DEVICE
logo
Generalplus Technology ...
GPCR06C GENERALPLUS-GPCR06C Datasheet
401Kb / 14P
SINGLE-CHIP VOICE RECORD/PLAYBACK DEVICE
More results



リンク URL



ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   データシートへのリンク    |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com