データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

SR04X3742PQL データシート (PDF) - Multicomp Pro

SR04X3742PQL Datasheet PDF - Multicomp Pro
部品番号 SR04X3742PQL
ダウンロード  SR04X3742PQL ダウンロード
ファイルサイズ   747.72 Kbytes
ページ   7 Pages
メーカー  MULTICOMP [Multicomp Pro]
ホームページ  https://www.multicomp-pro.com/
Logo MULTICOMP - Multicomp Pro
部品情報 Thick Film High Grade General Purpose Chip Resistors SR12, SR10, SR08, SR06, SR04

SR04X3742PQL Datasheet (PDF)

Go To PDF Page ダウンロード データシート
SR04X3742PQL Datasheet PDF - Multicomp Pro

部品番号 SR04X3742PQL
ダウンロード  SR04X3742PQL Click to download

ファイルサイズ   747.72 Kbytes
ページ   7 Pages
メーカー  MULTICOMP [Multicomp Pro]
ホームページ  https://www.multicomp-pro.com/
Logo MULTICOMP - Multicomp Pro
部品情報 Thick Film High Grade General Purpose Chip Resistors SR12, SR10, SR08, SR06, SR04

SR04X3742PQL データシート (HTML) - Multicomp Pro


SR04X3742PQL 製品詳細

Description
The resistors are constructed in a high grade ceramic body (aluminium oxide). Internal metal electrodes are added at each end and connected by a resistive paste that is applied to the top surface of the substrate. The extra protective metal film is added onto top side electrodes to protect termination from sulfuration. The composition of the paste is adjusted to give the approximate resistance required and the value is trimmed to within tolerance by laser cutting of this resistive layer.
The resistive layer is covered with a protective coat. Finally, the two external end terminations are added. For ease of soldering the outer layer of these end terminations is a Tin (lead free) alloy.

Features
• High reliability and stability ±1
• Sulfuration resistant ASTM B-809 105°C 750hrs
• Automotive AEC Q-200 & Military MIL-STD qualified
• 100% CCD inspection and Halogen free products

Application
• Automotive application
• Consumer electrical equipment
• EDP, Computer application
• Telecom application




同様の部品番号 - SR04X3742PQL

メーカー部品番号データシート部品情報
logo
WALSIN TECHNOLOGY CORPO...
SR04X472-FBL WALSIN-SR04X472-FBL Datasheet
260Kb / 9P
Sulfuration resistant 1000ppm
SR04X472-FGL WALSIN-SR04X472-FGL Datasheet
260Kb / 9P
Sulfuration resistant 1000ppm
SR04X472-FQL WALSIN-SR04X472-FQL Datasheet
260Kb / 9P
Sulfuration resistant 1000ppm
SR04X472-FTL WALSIN-SR04X472-FTL Datasheet
260Kb / 9P
Sulfuration resistant 1000ppm
SR04X472-JBL WALSIN-SR04X472-JBL Datasheet
260Kb / 9P
Sulfuration resistant 1000ppm
More results


同様の説明 - SR04X3742PQL

メーカー部品番号データシート部品情報
logo
Samsung semiconductor
RC2012F1002CS SAMSUNG-RC2012F1002CS Datasheet
178Kb / 5P
Thick Film General Chip Resistors
RC1005F4320CS SAMSUNG-RC1005F4320CS Datasheet
178Kb / 5P
Thick Film General Chip Resistors
RC1005F10R0CS SAMSUNG-RC1005F10R0CS Datasheet
178Kb / 5P
Thick Film General Chip Resistors
logo
List of Unclassifed Man...
WR08X562 ETC2-WR08X562 Datasheet
259Kb / 9P
Thick Film General Purpose Chip Resistors
WR08X1004FTL ETC2-WR08X1004FTL Datasheet
259Kb / 9P
Thick Film General Purpose Chip Resistors
WR06X1001FTL ETC2-WR06X1001FTL Datasheet
242Kb / 10P
Thick Film General Purpose Chip Resistors
logo
WALSIN TECHNOLOGY CORPO...
WR01X WALSIN-WR01X Datasheet
439Kb / 8P
Thick Film General Purpose chip resistors
WR02X WALSIN-WR02X Datasheet
230Kb / 7P
Thick Film General purpose chip resistors
WR10X WALSIN-WR10X Datasheet
239Kb / 8P
Thick film Technology General purpose chip resistors
WR12 WALSIN-WR12 Datasheet
531Kb / 10P
Thick Film General Purpose Chip Resistors
More results



リンク URL



ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   データシートへのリンク    |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com