データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

AL-HJF36A データシート (PDF) - A-BRIGHT Inc

AL-HJF36A Datasheet PDF - A-BRIGHT Inc
部品番号 AL-HJF36A
ダウンロード  AL-HJF36A ダウンロード
ファイルサイズ   338.48 Kbytes
ページ   5 Pages
メーカー  A-BRIGHT [A-BRIGHT Inc]
ホームページ  http://www.a-bright.com.tw
Logo A-BRIGHT - A-BRIGHT Inc
部品情報 Super Amber SMD Chip LED Lamps (0.6mm Height)

AL-HJF36A Datasheet (PDF)

Go To PDF Page ダウンロード データシート
AL-HJF36A Datasheet PDF - A-BRIGHT Inc

部品番号 AL-HJF36A
ダウンロード  AL-HJF36A Click to download

ファイルサイズ   338.48 Kbytes
ページ   5 Pages
メーカー  A-BRIGHT [A-BRIGHT Inc]
ホームページ  http://www.a-bright.com.tw
Logo A-BRIGHT - A-BRIGHT Inc
部品情報 Super Amber SMD Chip LED Lamps (0.6mm Height)

AL-HJF36A データシート (HTML) - A-BRIGHT Inc




同様の部品番号 - AL-HJF36A

メーカー部品番号データシート部品情報
logo
A-BRIGHT Inc
AL-HJF36D A-BRIGHT-AL-HJF36D Datasheet
339Kb / 5P
Super Amber SMD Chip LED Lamps (0.8mm Height)
2006/10/11
More results


同様の説明 - AL-HJF36A

メーカー部品番号データシート部品情報
logo
A-BRIGHT Inc
AL-HB436A A-BRIGHT-AL-HB436A Datasheet
338Kb / 5P
0603 Package Super Blue SMD Chip LED Lamps (0.6mm Height)
2006/10/11
AL-HG636A A-BRIGHT-AL-HG636A Datasheet
338Kb / 5P
Green SMD Chip LED Lamps (0.6mm Height)
2006/10/11
AL-HGE36A A-BRIGHT-AL-HGE36A Datasheet
339Kb / 5P
Super Yellow Green SMD Chip LED Lamps (0.6mm Height)
2006/12/5
AL-HJF33 A-BRIGHT-AL-HJF33 Datasheet
339Kb / 5P
Super Amber SMD Chip LED Lamps
2006/10/11
AL-HJF33A A-BRIGHT-AL-HJF33A Datasheet
341Kb / 5P
Super Amber SMD Chip LED Lamps
2006/10/11
AL-HJF34A A-BRIGHT-AL-HJF34A Datasheet
340Kb / 5P
Right Angle Lens Super Amber SMD Chip LED Lamps
2006/10/11
AL-HJF35A A-BRIGHT-AL-HJF35A Datasheet
344Kb / 5P
Super Amber SMD Chip LED Lamps (1.0mm Height)
2006/10/11
AL-HJF36D A-BRIGHT-AL-HJF36D Datasheet
339Kb / 5P
Super Amber SMD Chip LED Lamps (0.8mm Height)
2006/10/11
AL-HKB36A A-BRIGHT-AL-HKB36A Datasheet
339Kb / 5P
Super Yellow SMD Chip LED Lamps (0.6mm Height)
2006/10/11
AL-HUB36A A-BRIGHT-AL-HUB36A Datasheet
338Kb / 5P
Super Red SMD Chip LED Lamps (0.6mm Height)
2007/3/14
More results




A-BRIGHT Inc について


A-BRIGHT Inc is a Taiwanese company that specializes in the design, development, and production of LED lighting solutions for a variety of industries, including automotive, industrial, and commercial. The company was founded in 2008 and is headquartered in Taoyuan City, Taiwan.

A-BRIGHT's product portfolio includes a wide range of LED lighting solutions, such as LED modules, light bars, and flexible strips. The company also offers customized solutions for specific applications, including the design and development of LED lighting systems and modules.

The company's engineering team has extensive experience in developing advanced LED technologies for demanding applications. They work closely with customers to understand their requirements and develop customized solutions that meet their specific needs.

A-BRIGHT's products are known for their high quality, reliability, and energy efficiency. The company uses advanced technologies and materials to develop LED lighting solutions that are efficient, durable, and cost-effective.

Overall, A-BRIGHT Inc is a trusted provider of high-quality LED lighting solutions for a variety of industries. Its commitment to innovation, quality, and customer service has earned it a strong reputation in the industry.

*この情報はあくまでも一般的な情報であり、上記の情報によって生じたいかなる損失や損害についても責任を負うものではありません。




リンク URL



ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   データシートへのリンク    |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com