データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

MSMCXLCE10A データシート (PDF) - Microchip Technology

MSMCXLCE10A Datasheet PDF - Microchip Technology
部品番号 MSMCXLCE10A
ダウンロード  MSMCXLCE10A ダウンロード
ファイルサイズ   611.18 Kbytes
ページ   13 Pages
メーカー  MICROCHIP [Microchip Technology]
ホームページ  http://www.microchip.com
Logo MICROCHIP - Microchip Technology
部品情報 1500 Watt Low Capacitance Surface Mount Transient Voltage Suppressor

MSMCXLCE10A Datasheet (PDF)

Go To PDF Page ダウンロード データシート
MSMCXLCE10A Datasheet PDF - Microchip Technology

部品番号 MSMCXLCE10A
ダウンロード  MSMCXLCE10A Click to download

ファイルサイズ   611.18 Kbytes
ページ   13 Pages
メーカー  MICROCHIP [Microchip Technology]
ホームページ  http://www.microchip.com
Logo MICROCHIP - Microchip Technology
部品情報 1500 Watt Low Capacitance Surface Mount Transient Voltage Suppressor

MSMCXLCE10A データシート (HTML) - Microchip Technology


MSMCXLCE10A 製品詳細

Features
• All devices are 100% surge tested.
• Low capacitance of 100 pF or less
• 3σ (sigma) lot norm screening performed on standby current (ID) for all M prefix devices
• Molding compound flammability rating: UL94V-O
• Unidirectional versions available only
• Two different terminations available in C-bend (modified J-bend with DO-214AB) or Gullwing (DO-215AB)
• Moisture classification is Level 1 with no dry pack required per IPC/JEDEC J-STD-020B for all M prefix devices
• Suppress transients up to 1,500W at 10/1000 μs (see Figure 4-1)
• Enhanced reliability screening options with M prefix are available in reference to MILPR
19500. Refer to High Reliability Non-Hermetic Products Portfolio for more details on
the screening options.
(See Part Nomenclature for all available options.)
• RoHS compliant versions available
• Axial-lead equivalent packages for thru-hole mounting are available as MLCE6.5 to
MLCE170Ae3 with 1500W rating (contact Microchip for other surface mount options.)

Applications/Benefits
• Available in working stand-off voltage range of 6.5 to 170V
• Low capacitance for high frequency data line protection to 1 MHz
• Protection for aircraft fast data rate lines up to level 5 waveform 4 and level 2 waveform 5A in RTCA/DO-160G
(also see MicroNote 130) and ARINC 429 with bit rates of 100 kb/s (per ARINC 429, Part 1, par 2.4.1.1)
• IEC61000-4-2 ESD 15 kV (air), 8 kV (contact)
• IEC61000-4-5 (lightning) as further detailed in LCE6.5 thru LCE170A data sheet
• T1/E1 line cards
• Base stations, WAN and XDSL interfaces
• CSU/DSU equipment




同様の部品番号 - MSMCXLCE10A

メーカー部品番号データシート部品情報
logo
Astrodyne Corporation
MSMC-0100 ASTRODYNE-MSMC-0100 Datasheet
934Kb / 5P
10W Medical Grade Ultraminiature Switching Power Supplies
MSMC-0100DRL ASTRODYNE-MSMC-0100DRL Datasheet
934Kb / 5P
10W Medical Grade Ultraminiature Switching Power Supplies
MSMC-0101 ASTRODYNE-MSMC-0101 Datasheet
934Kb / 5P
10W Medical Grade Ultraminiature Switching Power Supplies
MSMC-0101DRL ASTRODYNE-MSMC-0101DRL Datasheet
934Kb / 5P
10W Medical Grade Ultraminiature Switching Power Supplies
MSMC-0102 ASTRODYNE-MSMC-0102 Datasheet
934Kb / 5P
10W Medical Grade Ultraminiature Switching Power Supplies
More results


同様の説明 - MSMCXLCE10A

メーカー部品番号データシート部品情報
logo
Microsemi Corporation
SMCJ170CA MICROSEMI-SMCJ170CA Datasheet
584Kb / 4P
SURFACE MOUNT 1500 Watt Transient Voltage Suppressor
SMCGLCE6.5 MICROSEMI-SMCGLCE6.5 Datasheet
241Kb / 4P
1500 WATT LOW CAPACITANCE SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
LC6.5 MICROSEMI-LC6.5 Datasheet
586Kb / 4P
1500 WATT LOW CAPACITANCE TRANSIENT VOLTAGE SUPPRESSOR
1N5908 MICROSEMI-1N5908 Datasheet
224Kb / 3P
1500 WATT LOW VOLTAGE TRANSIENT VOLTAGE SUPPRESSOR
LC6.5 MICROSEMI-LC6.5_08 Datasheet
196Kb / 4P
1500 WATT LOW CAPACITANCE TRANSIENT VOLTAGE SUPPRESSOR
logo
New Jersey Semi-Conduct...
LC6.5 NJSEMI-LC6.5 Datasheet
175Kb / 3P
1500 WATT LOW CAPACITANCE TRANSIENT VOLTAGE SUPPRESSOR
logo
Microsemi Corporation
SMCJ10ATR MICROSEMI-SMCJ10ATR Datasheet
205Kb / 4P
SURFACE MOUNT 1500 Watt Transient Voltage Suppressor
logo
SUNMATE electronic Co.,...
SLCD6.5A SUNMATE-SLCD6.5A Datasheet
607Kb / 4P
SURFACE MOUNT LOW CAPACITANCE TRANSIENT VOLTAGE SUPPRESSOR
logo
Microsemi Corporation
MLCE6.5 MICROSEMI-MLCE6.5 Datasheet
380Kb / 5P
1500 Watt Low Capacitance Transient Voltage Suppressor
MSMCGLCE6.5A MICROSEMI-MSMCGLCE6.5A Datasheet
1Mb / 7P
1500 Watt Low Capacitance Surface Mount Transient Voltage Suppressor
Rev. C
More results




Microchip Technology について


Microchip Technologyは、1989年に設立されたアメリカの半導体会社です。
同社は、自動車、産業、消費者市場のさまざまなアプリケーションに、幅広いマイクロコントローラー、アナログ、メモリ、セキュリティ製品を提供しています。
Microchipは、世界最大のマイクロコントローラーサプライヤーの1つであり、低電力設計の専門知識と省エネ技術に焦点を当てていることで知られています。
同社はまた、顧客が製品の設計とプロトタイプを支援するための開発ツールとソフトウェアも提供しています。
Microchipは70か国以上で事業を展開しており、その製品は幅広いアプリケーションで使用されています。

*この情報はあくまでも一般的な情報であり、上記の情報によって生じたいかなる損失や損害についても責任を負うものではありません。




リンク URL



ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   データシートへのリンク    |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com