データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

EM-20 データシート (PDF) - Swissbit AG

EM-20 Datasheet PDF - Swissbit AG
部品番号 EM-20
ダウンロード  EM-20 ダウンロード
ファイルサイズ   2436.88 Kbytes
ページ   48 Pages
メーカー  SWISSBIT [Swissbit AG]
ホームページ  https://www.swissbit.com/en/
Logo SWISSBIT - Swissbit AG
部品情報 Industrial eMMC Memory

EM-20 Datasheet (PDF)

Go To PDF Page ダウンロード データシート
EM-20 Datasheet PDF - Swissbit AG

部品番号 EM-20
ダウンロード  EM-20 Click to download

ファイルサイズ   2436.88 Kbytes
ページ   48 Pages
メーカー  SWISSBIT [Swissbit AG]
ホームページ  https://www.swissbit.com/en/
Logo SWISSBIT - Swissbit AG
部品情報 Industrial eMMC Memory

EM-20 データシート (HTML) - Swissbit AG


EM-20 製品詳細

1 Product Features
 Fully compliant with JEDEC eMMC 5.0 Standard (JESD84-B50)
 153-ball BGA, 0.5mm pitch
11.5 x 13mm, RoHS compliant
 MLC NAND base technology
 Multiple MLC or enhanced/reliable mode partitions user configurable according to eMMC Spec 5.0
 High performance eMMC 5.0 specification
o Eleven-wire bus (clock, Data Strobe, 1 bit command, 8 bit data bus) and a hardware reset
o Three different data bus width modes: 1-bit (default), 4-bit, and 8-bit
o Clock frequencies 0-200MHz, High Speed Mode HS400
o Up to 250MB/s sequential read and up to 90MB/s sequential write in MLC mode
 Power Supply: (Low-power CMOS technology)
o VCCQ 1.7V…1.95V or 2.7V…3.6V eMMC supply
o VCC 2.7V…3.6V NAND Flash supply
 Optimized FW algorithms
o Power-fail data loss protection
o Wear Leveling technology
Equal wear leveling of static and dynamic data. The wear leveling assures that dynamic data as
well as static data is balanced evenly across the memory. With that the maximum write
endurance of the device is guaranteed
o Read Disturb Management
The read commands per region are monitored and the content is conditionally refreshed when
critical levels have occurred
o Auto Read Refresh
The interruptible background process maintains the user data for Read Disturb effects or Retention
degradation due to high temperature effects
o Diagnostic features with Device Health Report according to eMMC Spec 5.0, and new Firmware
FW2 with detailed Lifetime Monitor data.
o Field Firmware update according to eMMC Spec 5.0
o Discard and Sanitize, Trim
o Boot Operation Mode and Alternative Boot Operation Mode
o Replay Protected Memory Block (RPMB)
 High reliability
o Designed with sophisticated firmware architecture for industrial and embedded markets.
o Ideal for application like POS/POI, PLC, IoT, gaming, medical and use as general boot medium for
embedded applications.
o The product is optimized for long life cycle that requires superior data retention as well as power
fail safety.
o Intensive write applications should use the enhanced/reliable mode
o Industrial Temperature range, -40° up to 85°C
 Controlled BOM & PCN process
3 Product Description
The Swissbit eMMC is a managed non-volatile storage consisting of a single chip MMC controller and a NAND
flash memory chip inside a JEDEC defined standard BGA package. It is specially designed as a small form factor
memory product for storage of data and as a boot media. The performance is optimized to a mostly read
operation mode at low power consumption. The utilization of MLC NAND technology, with the option to
configure the memory in reliable mode, targets higher demanding industrial applications, which is supported
by the industrial temperature grade specification.
The eMMC controller directly manages NAND flash, including ECC, wear-leveling, IOPS optimization and read
sensing. The EM-20 firmware features support high throughput for large data transfers and performance for
small random data more commonly found in code usage. It also contains several security features as well as
multiple boot partitions. For read intensive applications the EM-20 uses advanced refresh features for
retention optimization.
eMMC communication is based on an advanced 11-signal bus. The communication protocol is defined as a part
of the JEDEC eMMC standard and referred to as the eMMC mode.




同様の部品番号 - EM-20

メーカー部品番号データシート部品情報
logo
Knowles Electronics
EM-23046-000 KNOWLES-EM-23046-000 Datasheet
117Kb / 2P
MICROPHONE
EM-23046-C36 KNOWLES-EM-23046-C36 Datasheet
136Kb / 2P
MICROPHONE
EM-23046-P16 KNOWLES-EM-23046-P16 Datasheet
177Kb / 2P
MICROPHONE
EM-23047-000 KNOWLES-EM-23047-000 Datasheet
117Kb / 2P
MICROPHONE
EM-23056-000 KNOWLES-EM-23056-000 Datasheet
127Kb / 2P
MICROPHONE
More results


同様の説明 - EM-20

メーカー部品番号データシート部品情報
logo
Winbond
W86L388D WINBOND-W86L388D Datasheet
386Kb / 28P
W86L388D Winbond Host Interface SD/MMC Memory Card Bridge
W86L488 WINBOND-W86L488 Datasheet
1Mb / 45P
SD/ SDIO/ MMC MEMORY CARD BRIDGE
logo
Texas Instruments
SN74AVCA406L TI-SN74AVCA406L Datasheet
376Kb / 20P
MMC, SD CARD, Memory Stick??VOLTAGE-TRANSLATION TRANSCEIVER
logo
Actel Corporation
EP550 ACTEL-EP550 Datasheet
120Kb / 3P
EP550 SDIO/SD Memory/MMC Host Controller
logo
Texas Instruments
SN74AVCA406L TI-SN74AVCA406L_1 Datasheet
563Kb / 22P
MMC, SD CARD, Memory Stick??VOLTAGE-TRANSLATION TRANSCEIVER
logo
Micron Technology
MTFC4GMVEA-4MIT MICRON-MTFC4GMVEA-4MIT Datasheet
479Kb / 24P
4GB, 8GB, 16GB, 32GB, 64GB e MMC
logo
Taiwan Memory Technolog...
I5141-TG TMT-I5141-TG Datasheet
789Kb / 20P
SD/MMC Memory Card Controller
logo
Toshiba Semiconductor
THGBMHG6C1LBAIL TOSHIBA-THGBMHG6C1LBAIL Datasheet
1Mb / 33P
TOSHIBA e-MMC Module
1.0
THGBMFG6C1LBAIL TOSHIBA-THGBMFG6C1LBAIL Datasheet
1Mb / 33P
e MMC Module
THGBMNG5D1LBAIL TOSHIBA-THGBMNG5D1LBAIL Datasheet
1Mb / 33P
e-MMC Module
More results



リンク URL



ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   データシートへのリンク    |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com