データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

83-22045 データシート (PDF) - Multicomp Pro

83-22045 Datasheet PDF - Multicomp Pro
部品番号 83-22045
ダウンロード  83-22045 ダウンロード
ファイルサイズ   155.37 Kbytes
ページ   2 Pages
メーカー  MULTICOMP [Multicomp Pro]
ホームページ  https://www.multicomp-pro.com/
Logo MULTICOMP - Multicomp Pro
部品情報 USB3.1 Type C Plug to HDMI USB3.0 Type A and Type C Receptacle Data and Charging Adapter

83-22045 Datasheet (PDF)

Go To PDF Page ダウンロード データシート
83-22045 Datasheet PDF - Multicomp Pro

部品番号 83-22045
ダウンロード  83-22045 Click to download

ファイルサイズ   155.37 Kbytes
ページ   2 Pages
メーカー  MULTICOMP [Multicomp Pro]
ホームページ  https://www.multicomp-pro.com/
Logo MULTICOMP - Multicomp Pro
部品情報 USB3.1 Type C Plug to HDMI USB3.0 Type A and Type C Receptacle Data and Charging Adapter

83-22045 データシート (HTML) - Multicomp Pro


83-22045 製品詳細

[Features]
• Supports USB-C male input and HDMI, USB-A and USB-C female output
• USB-C Female:
As USB-C charging port (connecting USB-C Power Adapter)
When connecting PD Adapter:
It supports PD Charging with power up to 60W (20V/3A)
When connecting ordinary USB-C Power Adapter:
The max power of this port depends on how much power the connected USB-C power adapter can supply
As USB-C downstream port (connecting USB-C device):
It supports to transmit data up to 5Gbps and charge for the connected USB–C devices (the total output of the USB-C and
USB-A port depends on the host PC, eg: USB-A and USB-C share max 1.5A on Macbook, max 900mA on Chromebook
• USB-A:
Support to transmit data up to 5Gbps and charge for the connected USB device
When USB-C Female is connected to Power Adapter:
USB-A port supports BC 1.2 with power up to 7.5W (5V/1.5A) when the USB-C power adapter provides power above 7.5W
When USB-C Female is connected to USB-C device:
The total output of the USB-C and USB-A port depends on the host PC.
Eg: USB-A and USB-C share max 1.5A on Macbook, max 900mA on Chromebook.




同様の部品番号 - 83-22045

メーカー部品番号データシート部品情報
logo
Multicomp Pro
83-22040 MULTICOMP-83-22040 Datasheet
114Kb / 1P
USB3.1 Type C Plug to HDMI USB3.0 Type A and Type C Receptacle Charging Adapter
16/05/20
More results


同様の説明 - 83-22045

メーカー部品番号データシート部品情報
logo
FCI connector
10029449 FCI-CONNECTOR-10029449 Datasheet
394Kb / 4P
HDMI TYPE A RECEPTACLE
logo
Japan Aviation Electron...
DC2 JAE-DC2 Datasheet
214Kb / 5P
HDMI Standard Type C HDMI Mini Connector
logo
List of Unclassifed Man...
105-1032-BL-00050 ETC2-105-1032-BL-00050 Datasheet
157Kb / 1P
USB3.1 TYPE C/M TO A/M
logo
VIA Labs, Inc
VL716 VIALABS-VL716 Datasheet
1Mb / 21P
USB3.1 to SATA 6Gb/s Bridge Controller for Type-C
logo
Prolific Technology Inc...
PL2887 PROLIFIC-PL2887 Datasheet
204Kb / 1P
USB Type-C Charging Controller
logo
VITALCONN ELECTRONICS H...
HAM10AXLB01 VITALCONN-HAM10AXLB01 Datasheet
168Kb / 1P
HDMI A TYPE PLUG
logo
Global Connector Techno...
USB4135 GCT-USB4135 Datasheet
163Kb / 2P
Type C Receptacle, Horizontal, SMT, For Power Charging Only
21st January 2022
logo
Amphenol Communications...
10163259 AMPHENOLCS-10163259 Datasheet
288Kb / 2P
USB 3.1 TYPE C RECEPTACLE R/A SMT TYPE
2022-03-18
10164359 AMPHENOLCS-10164359 Datasheet
223Kb / 3P
USB TYPE C RECEPTACLE R/A SMT TYPE 6PIN
2022-03-10
logo
Molex Electronics Ltd.
847330003 MOLEX-847330003 Datasheet
148Kb / 1P
USB3.0 TYPE-A RECEPT TO USB3.0 TYPE-A PLUG
2013/08/26
More results



リンク URL



ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   データシートへのリンク    |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com