データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

HX5003_SMD データシート (PDF) - HBH Microwave GmbH

HX5003_SMD Datasheet PDF - HBH Microwave GmbH
部品番号 HX5003_SMD
ダウンロード  HX5003_SMD ダウンロード
ファイルサイズ   19.66 Kbytes
ページ   1 Pages
メーカー  HBH [HBH Microwave GmbH]
ホームページ  http://www.hbhmw.de/
Logo HBH - HBH Microwave GmbH
部品情報 8 - 10 GHz GaAs MMIC Mixer

HX5003_SMD Datasheet (PDF)

Go To PDF Page ダウンロード データシート
HX5003_SMD Datasheet PDF - HBH Microwave GmbH

部品番号 HX5003_SMD
ダウンロード  HX5003_SMD Click to download

ファイルサイズ   19.66 Kbytes
ページ   1 Pages
メーカー  HBH [HBH Microwave GmbH]
ホームページ  http://www.hbhmw.de/
Logo HBH - HBH Microwave GmbH
部品情報 8 - 10 GHz GaAs MMIC Mixer

HX5003_SMD データシート (HTML) - HBH Microwave GmbH




同様の部品番号 - HX5003_SMD

メーカー部品番号データシート部品情報
logo
HBH Microwave GmbH
HX5003 HBH-HX5003 Datasheet
20Kb / 1P
8 - 10 GHz GaAs MMIC Mixer
More results


同様の説明 - HX5003_SMD

メーカー部品番号データシート部品情報
logo
Hittite Microwave Corpo...
HMC520 HITTITE-HMC520 Datasheet
313Kb / 6P
GaAs MMIC I/Q MIXER 6 - 10 GHz
HMC520LC4 HITTITE-HMC520LC4 Datasheet
288Kb / 6P
GaAs MMIC I/Q MIXER 6 - 10 GHz
HMC526 HITTITE-HMC526 Datasheet
302Kb / 6P
GaAs MMIC I/Q MIXER 6 - 10 GHz
HMC526LC4 HITTITE-HMC526LC4 Datasheet
296Kb / 6P
GaAs MMIC I/Q MIXER 6 - 10 GHz
HMC171C8 HITTITE-HMC171C8_06 Datasheet
174Kb / 4P
GaAs MMIC SMT DOUBLEBALANCED MIXER, 7 - 10 GHz
logo
HBH Microwave GmbH
HX5003 HBH-HX5003 Datasheet
20Kb / 1P
8 - 10 GHz GaAs MMIC Mixer
logo
Hittite Microwave Corpo...
HMC129LC4 HITTITE-HMC129LC4_09 Datasheet
212Kb / 6P
GaAs MMIC DOUBLE-BALANCED MIXER, 4 - 8 GHz
HMC520 HITTITE-HMC520_10 Datasheet
240Kb / 6P
GaAs MMIC I/Q MIXER 6 - 10 GHz
HMC526 HITTITE-HMC526_09 Datasheet
234Kb / 6P
GaAs MMIC I/Q MIXER 6 - 10 GHz
logo
Analog Devices
HMC260A AD-HMC260A Datasheet
295Kb / 16P
10 GHz to 26 GHz, GaAs, MMIC Fundamental Mixer
4/2018-Revision 0
More results




HBH Microwave GmbH について


HBH Microwave GmbH is a leading manufacturer of high-quality microwave components and subsystems for the telecommunications, aerospace, defense, and scientific research industries. The company was founded in Germany in 1996 and has since established itself as a trusted provider of advanced microwave technologies.

HBH Microwave's product portfolio includes a wide range of microwave components, such as amplifiers, mixers, filters, couplers, and antennas. The company also offers customized solutions for specific applications, including subsystems and integrated microwave assemblies.

The company's engineering team has extensive experience in developing advanced microwave technologies for demanding applications. They work closely with customers to understand their requirements and develop customized solutions that meet their specific needs.

HBH Microwave has a strong focus on quality and reliability. The company's products are manufactured to the highest standards and undergo rigorous testing to ensure their performance and reliability. They are also designed to meet the demanding requirements of military and aerospace applications.

Overall, HBH Microwave is a trusted provider of high-quality microwave components and subsystems. Its commitment to innovation, quality, and customer service has earned it a strong reputation in the industry.

*この情報はあくまでも一般的な情報であり、上記の情報によって生じたいかなる損失や損害についても責任を負うものではありません。




リンク URL



ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   データシートへのリンク    |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com