データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

IS25C128A データシート (PDF) - Integrated Silicon Solution, Inc

IS25C128A Datasheet PDF - Integrated Silicon Solution, Inc
部品番号 IS25C128A
ダウンロード  IS25C128A ダウンロード
ファイルサイズ   201.29 Kbytes
ページ   17 Pages
メーカー  ISSI [Integrated Silicon Solution, Inc]
ホームページ  http://www.issi.com
Logo ISSI - Integrated Silicon Solution, Inc
部品情報 128K-bit SPI SERIAL ELECTRICALLY ERASABLE PROM

IS25C128A Datasheet (PDF)

Go To PDF Page ダウンロード データシート
IS25C128A Datasheet PDF - Integrated Silicon Solution, Inc

部品番号 IS25C128A
ダウンロード  IS25C128A Click to download

ファイルサイズ   201.29 Kbytes
ページ   17 Pages
メーカー  ISSI [Integrated Silicon Solution, Inc]
ホームページ  http://www.issi.com
Logo ISSI - Integrated Silicon Solution, Inc
部品情報 128K-bit SPI SERIAL ELECTRICALLY ERASABLE PROM

IS25C128A データシート (HTML) - Integrated Silicon Solution, Inc


IS25C128A 製品詳細

DESCRIPTION
The IS25C128A is electrically erasable PROM devices that use the Serial Peripheral Interface (SPI) for communications. The IS25C128A is 128Kbit (16K x 8). The IS25C128A EEPROMs is offered in a wide operating voltage range of 1.8V to 5.5V for compatibility with most application voltages. ISSI designed the IS25C128A to be an efficient SPI EEPROM solution. The device is offered in lead-free, RoHS, halogen free or Green. The available package types are 8-pin SOIC, TSSOP and PDIP.

FEATURES
• Serial Peripheral Interface (SPI) Compatible
    — Supports SPI Modes 0 (0,0) and 3 (1,1)
• Low power CMOS
    — Active current less than 3.0 mA (1.8V)
    — Standby current less than 15 µA (1.8V)
• Low-voltage Operation
    — Vcc = 1.8V to 5.5V
• Block Write Protection
    — Protect 1/4, 1/2, or Entire Array
• 64-byte page write mode
    — Partial page writes allowed
• 10 MHz Clock Rate (5V)
• Self timed write cycles
    — 5ms max @ 2.5V
• High-reliability
    — Endurance: 1,000,000 cycles
    — Data retention: 40 years
• Packages: SOIC/SOP, TSSOP and PDIP
• Industrial temperature range
• Lead free




同様の部品番号 - IS25C128A

メーカー部品番号データシート部品情報
logo
Integrated Silicon Solu...
IS25C128 ISSI-IS25C128 Datasheet
137Kb / 17P
128K-bit/ 256K-bit SPI SERIAL ELECTRICALLY ERASABLE PROM
IS25C128-2GI ISSI-IS25C128-2GI Datasheet
137Kb / 17P
128K-bit/ 256K-bit SPI SERIAL ELECTRICALLY ERASABLE PROM
IS25C128-2GLI ISSI-IS25C128-2GLI Datasheet
137Kb / 17P
128K-bit/ 256K-bit SPI SERIAL ELECTRICALLY ERASABLE PROM
IS25C128-2PI ISSI-IS25C128-2PI Datasheet
137Kb / 17P
128K-bit/ 256K-bit SPI SERIAL ELECTRICALLY ERASABLE PROM
IS25C128-2PLI ISSI-IS25C128-2PLI Datasheet
137Kb / 17P
128K-bit/ 256K-bit SPI SERIAL ELECTRICALLY ERASABLE PROM
More results


同様の説明 - IS25C128A

メーカー部品番号データシート部品情報
logo
Integrated Silicon Solu...
IS25C01 ISSI-IS25C01 Datasheet
132Kb / 17P
1K-BIT SPI SERIAL ELECTRICALLY ERASABLE PROM
IS25C02 ISSI-IS25C02 Datasheet
134Kb / 17P
2K-BIT/4K-BIT SPI SERIAL ELECTRICALLY ERASABLE PROM
IS25C08 ISSI-IS25C08 Datasheet
87Kb / 14P
8K-BIT/16K-BIT SPI SERIAL ELECTRICALLY ERASABLE PROM
IS25C32A ISSI-IS25C32A Datasheet
134Kb / 17P
32K-BIT/64K-BIT SPI SERIAL ELECTRICALLY ERASABLE PROM
IS25C128 ISSI-IS25C128 Datasheet
137Kb / 17P
128K-bit/ 256K-bit SPI SERIAL ELECTRICALLY ERASABLE PROM
IS93C46A ISSI-IS93C46A Datasheet
74Kb / 13P
1,024-BIT SERIAL ELECTRICALLY ERASABLE PROM
IS25C32A ISSI-IS25C32A_07 Datasheet
225Kb / 18P
32K-BIT/64K-BIT SPI SERIAL ELECTRICALLY ERASABLE PROM
IS25C08B ISSI-IS25C08B Datasheet
754Kb / 17P
8K-BIT SPI SERIAL ELECTRICALLY ERASABLE PROM
IS25C16B ISSI-IS25C16B Datasheet
754Kb / 17P
16K-BIT SPI SERIAL ELECTRICALLY ERASABLE PROM
logo
Rohm
BR93LC46 ROHM-BR93LC46 Datasheet
133Kb / 12P
1,024-Bit Serial Electrically Erasable PROM
More results




Integrated Silicon Solution, Inc について


Integrated Silicon Solution, Inc. (ISSI) is a fabless semiconductor company that designs and markets high-performance integrated circuits (ICs) for the automotive, industrial, medical, and communications markets. The company was founded in 1988 and is headquartered in Milpitas, California, USA.

ISSI's product portfolio includes static random access memory (SRAM), dynamic random access memory (DRAM), and analog and mixed-signal ICs. The company specializes in low-power, high-speed SRAMs, and is a leading supplier of DRAMs to the automotive market.

In 2015, ISSI was acquired by China's Uphill Investment Co., Ltd. and became a wholly-owned subsidiary of Uphill Investment.

*この情報はあくまでも一般的な情報であり、上記の情報によって生じたいかなる損失や損害についても責任を負うものではありません。




リンク URL



ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   データシートへのリンク    |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com