データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

EN25Q32A データシート (PDF) - Eon Silicon Solution Inc.

EN25Q32A Datasheet PDF - Eon Silicon Solution Inc.
部品番号 EN25Q32A
ダウンロード  EN25Q32A ダウンロード
ファイルサイズ   1037.16 Kbytes
ページ   52 Pages
メーカー  EON [Eon Silicon Solution Inc.]
ホームページ  http://www.essi.com.tw
Logo EON - Eon Silicon Solution Inc.
部品情報 32 Megabit Serial Flash Memory with 4Kbyte Uniform Sector

EN25Q32A Datasheet (PDF)

Go To PDF Page ダウンロード データシート
EN25Q32A Datasheet PDF - Eon Silicon Solution Inc.

部品番号 EN25Q32A
ダウンロード  EN25Q32A Click to download

ファイルサイズ   1037.16 Kbytes
ページ   52 Pages
メーカー  EON [Eon Silicon Solution Inc.]
ホームページ  http://www.essi.com.tw
Logo EON - Eon Silicon Solution Inc.
部品情報 32 Megabit Serial Flash Memory with 4Kbyte Uniform Sector

EN25Q32A データシート (HTML) - Eon Silicon Solution Inc.


EN25Q32A 製品詳細

GENERAL DESCRIPTION

The EN25Q32A is a 32 Megabit (4096K-byte) Serial Flash memory, with advanced write protection mechanisms. The EN25Q32A supports the standard Serial Peripheral Interface (SPI), and a high performance Dual output as well as Quad I/O using SPI pins: Serial Clock, Chip Select, Serial DQ0(DI), DQ1(DO), DQ2(WP#) and DQ3(NC). SPI clock frequencies of up to 80MHz are supported allowing equivalent clock rates of 160MHz for Dual Output and 320MHz for Quad Output when using the Dual/Quad Output Fast Read instructions. The memory can be programmed 1 to 256 bytes at a time, using the Page Program instruction.



FEATURES

• Single power supply operation

- Full voltage range: 2.7-3.6 volt

• Serial Interface Architecture

- SPI Compatible: Mode 0 and Mode 3

• 32 M-bit Serial Flash

- 32 M-bit/4096 K-byte/16384 pages

- 256 bytes per programmable page

• Standard, Dual or Quad SPI

- Standard SPI: CLK, CS#, DI, DO, WP#

- Dual SPI: CLK, CS#, DQ0, DQ1, WP#

- Quad SPI: CLK, CS#, DQ0, DQ1, DQ2, DQ3

•High performance

- 100MHz clock rate for one data bit

- 80MHz clock rate for two data bits

- 80MHz clock rate for four data bits

• Low power consumption

- 12 mA typical active current

- 1 μA typical power down current

•Uniform Sector Architecture:

- 1024 sectors of 4-Kbyte

- 64 blocks of 64-Kbyte

- Any sector or block can be erased individually

• Software and Hardware Write Protection:

- Write Protect all or portion of memory via

software

- Enable/Disable protection with WP# pin

• High performance program/erase speed

- Page program time: 1.3ms typical  - Sector erase time: 90ms typical 

- Block erase time 500ms typical

- Chip erase time: 25 seconds typical

• Lockable 512 byte OTP security sector

• Minimum 100K endurance cycle

•Package Options   - 8 pins SOP 200mil body width 

- 8 contact VDFN

- 8 pins PDIP

- All Pb-free packages are RoHS compliant

• Industrial temperature Range




同様の部品番号 - EN25Q32A

メーカー部品番号データシート部品情報
logo
List of Unclassifed Man...
EN25Q32 ETC1-EN25Q32 Datasheet
618Kb / 42P
32 Megabit Serial Flash Memory with 4Kbyte Uniform Sector
logo
Eon Silicon Solution In...
EN25Q32B EON-EN25Q32B Datasheet
1Mb / 56P
32 Megabit Serial Flash Memory with 4Kbyte Uniform Sector
EN25Q32B-104BBIP EON-EN25Q32B-104BBIP Datasheet
1Mb / 56P
32 Megabit Serial Flash Memory with 4Kbyte Uniform Sector
EN25Q32B-104FIP EON-EN25Q32B-104FIP Datasheet
1Mb / 56P
32 Megabit Serial Flash Memory with 4Kbyte Uniform Sector
EN25Q32B-104HIP EON-EN25Q32B-104HIP Datasheet
1Mb / 56P
32 Megabit Serial Flash Memory with 4Kbyte Uniform Sector
More results


同様の説明 - EN25Q32A

メーカー部品番号データシート部品情報
logo
Eon Silicon Solution In...
EN25Q16A EON-EN25Q16A Datasheet
1Mb / 53P
16 Megabit Serial Flash Memory with 4Kbyte Uniform Sector
EN25Q32B EON-EN25Q32B Datasheet
1Mb / 56P
32 Megabit Serial Flash Memory with 4Kbyte Uniform Sector
EN25QH32 EON-EN25QH32 Datasheet
1Mb / 63P
32 Megabit Serial Flash Memory with 4Kbyte Uniform Sector
EN25S32 EON-EN25S32 Datasheet
1Mb / 59P
32 Megabit 1.8V Serial Flash Memory with 4Kbyte Uniform Sector
EN25Q32C EON-EN25Q32C Datasheet
1Mb / 62P
32 Megabit Serial Flash Memory with 4Kbyte Uniform Sector
EN25QH32A EON-EN25QH32A Datasheet
1Mb / 63P
32 Megabit Serial Flash Memory with 4Kbyte Uniform Sector
EN25Q40A EON-EN25Q40A Datasheet
1Mb / 64P
4 Megabit Serial Flash Memory with 4Kbyte Uniform Sector
EN25QH128A EON-EN25QH128A Datasheet
1Mb / 75P
128 Megabit Serial Flash Memory with 4Kbyte Uniform Sector
logo
List of Unclassifed Man...
EN25Q32 ETC1-EN25Q32 Datasheet
618Kb / 42P
32 Megabit Serial Flash Memory with 4Kbyte Uniform Sector
EN25S32A ETC1-EN25S32A Datasheet
1Mb / 89P
32 Megabit 1.8V Serial Flash Memory with 4Kbyte Uniform Sector
More results



リンク URL



ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   データシートへのリンク    |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com