| メーカー | 部品番号 | データシート | 部品情報 |
 ON Semiconductor |
NCP582
|
77Kb / 14P |
Low Noise 150 mA CMOS LDO Regulator with Enable
September, 2004 ??Rev. 2 |
|
NCV8667
|
206Kb / 15P |
150 mA LDO Regulator with Enable, Reset and Early Warning
December, 2010 ??Rev. 0 |
|
NCV8668
|
247Kb / 18P |
Very Low I 150 mA LDO Regulator with Window Watchdog, Enable and Reset
October, 2010 ??Rev. 2 |
|
NCV8772
|
209Kb / 14P |
Ultra Low Iq 350 mA LDO Regulator with Enable and Reset
December, 2011 ??Rev. 3 |
|
NCV8772
|
310Kb / 17P |
Ultra Low Iq 350 mA LDO Regulator with Enable and Reset
December, 2011 ??Rev. 3 |
|
NCV4263-2C
|
132Kb / 14P |
200 mA LDO Regulator with Enable, Reset & Watchdog
March, 2015 ??Rev. 1 |
|
NCV8669
|
212Kb / 14P |
Very Low Iq 150 mA LDO Regulator with Reset and Early Warning
July, 2011 ??Rev. 1 |
|
NCV8768
|
192Kb / 17P |
Ultra Low Iq 150 mA LDO Regulator with Window Watchdog, Enable and Reset
June, 2011 ??Rev. 0 |
|
NCV8769
|
239Kb / 14P |
Ultra Low Iq 150 mA LDO Regulator with Reset and Early Warning
June, 2011 ??Rev. 1 |
|
NCV8768C
|
560Kb / 19P |
LDO Regulator - Very Low Iq, Window Watchdog, Enable and Reset 150 mA
February, 2022 ??Rev. 0 |