データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

BL-S36A-13 データシート (PDF) - BetLux Electronics

BL-S36A-13 Datasheet PDF - BetLux Electronics
部品番号 BL-S36A-13
ダウンロード  BL-S36A-13 ダウンロード
ファイルサイズ   336.55 Kbytes
ページ   5 Pages
メーカー  BETLUX [BetLux Electronics]
ホームページ  http://www.betlux.com
Logo BETLUX - BetLux Electronics
部品情報 9.1mm (0.36) Single digit numeric display series

BL-S36A-13 Datasheet (PDF)

Go To PDF Page ダウンロード データシート
BL-S36A-13 Datasheet PDF - BetLux Electronics

部品番号 BL-S36A-13
ダウンロード  BL-S36A-13 Click to download

ファイルサイズ   336.55 Kbytes
ページ   5 Pages
メーカー  BETLUX [BetLux Electronics]
ホームページ  http://www.betlux.com
Logo BETLUX - BetLux Electronics
部品情報 9.1mm (0.36) Single digit numeric display series

BL-S36A-13 データシート (HTML) - BetLux Electronics




同様の部品番号 - BL-S36A-13

メーカー部品番号データシート部品情報
logo
BetLux Electronics
BL-S36A-11 BETLUX-BL-S36A-11 Datasheet
304Kb / 5P
9.1mm (0.36) Single digit Seven Segment LED display series
REV NO: V.2
BL-S36A-11B BETLUX-BL-S36A-11B Datasheet
79Kb / 4P
LED NUMERIC DISPLAY, 1 DIGIT
REV NO: V.2
BL-S36A-11D-00 BETLUX-BL-S36A-11D-00 Datasheet
79Kb / 4P
LED NUMERIC DISPLAY, 1 DIGIT
REV NO: V.2
BL-S36A-11D-01 BETLUX-BL-S36A-11D-01 Datasheet
79Kb / 4P
LED NUMERIC DISPLAY, 1 DIGIT
REV NO: V.2
BL-S36A-11D-02 BETLUX-BL-S36A-11D-02 Datasheet
79Kb / 4P
LED NUMERIC DISPLAY, 1 DIGIT
REV NO: V.2
More results


同様の説明 - BL-S36A-13

メーカー部品番号データシート部品情報
logo
SunLED Corporation
DMR09A SUNLED-DMR09A Datasheet
179Kb / 4P
9.14mm (0.36) SINGLE DIGIT NUMERIC DISPLAY
DMR09C SUNLED-DMR09C Datasheet
179Kb / 4P
9.14mm (0.36) SINGLE DIGIT NUMERIC DISPLAY
DUG09A SUNLED-DUG09A Datasheet
179Kb / 4P
9.14mm (0.36) SINGLE DIGIT NUMERIC DISPLAY
DUG09C SUNLED-DUG09C Datasheet
179Kb / 4P
9.14mm (0.36) SINGLE DIGIT NUMERIC DISPLAY
DUY09A SUNLED-DUY09A Datasheet
178Kb / 4P
9.14mm (0.36) SINGLE DIGIT NUMERIC DISPLAY
logo
Lucky Light Electronic
KW1-361 LUCKY-LIGHT-KW1-361 Datasheet
47Kb / 1P
LED Numeric Display Single Digit (0.36")
logo
BetLux Electronics
BL-S36A-11 BETLUX-BL-S36A-11 Datasheet
304Kb / 5P
9.1mm (0.36) Single digit Seven Segment LED display series
REV NO: V.2
BL-S36A-12 BETLUX-BL-S36A-12 Datasheet
306Kb / 5P
9.1mm (0.36) Single digit Seven Segment LED display series
REV NO: V.2
BL-S36C-12 BETLUX-BL-S36C-12 Datasheet
306Kb / 5P
9.1mm (0.36) Single digit Seven Segment LED display series
REV NO: V.2
logo
Inolux Corporation
HNTS36 INOLUX-HNTS36 Datasheet
1Mb / 17P
0.36 Single Digit Numeric Display
More results




BetLux Electronics について


BetLux Electronics is a Taiwanese-based company that specializes in the design and manufacture of LED products. The company was founded in 2005 and has since grown to become a leading supplier of LED components and lighting solutions.

BetLux Electronics offers a wide range of LED products, including through-hole LEDs, surface-mount LEDs, display LEDs, and high-power LEDs. The company's products are used in a variety of applications, such as automotive lighting, signage, backlighting, and general illumination.

One of the key strengths of BetLux Electronics is its commitment to innovation and quality. The company invests heavily in research and development to ensure that its products are at the forefront of LED technology. BetLux Electronics also has a strong focus on quality control, with all products undergoing rigorous testing to ensure that they meet the highest standards.

BetLux Electronics has a global network of distributors and partners, which allows it to provide excellent service and support to customers around the world. Overall, BetLux Electronics is a well-respected and established company that offers high-quality LED products and solutions.

*この情報はあくまでも一般的な情報であり、上記の情報によって生じたいかなる損失や損害についても責任を負うものではありません。




リンク URL



ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   データシートへのリンク    |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com