データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

ISL97686IBZ データシート (PDF) - Intersil Corporation

ISL97686IBZ Datasheet PDF - Intersil Corporation
部品番号 ISL97686IBZ
ダウンロード  ISL97686IBZ ダウンロード
ファイルサイズ   1304.6 Kbytes
ページ   23 Pages
メーカー  INTERSIL [Intersil Corporation]
ホームページ  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation
部品情報 4-Channel LED Driver with Independent Channel Control for Dynamic Dimming

ISL97686IBZ Datasheet (PDF)

Go To PDF Page ダウンロード データシート
ISL97686IBZ Datasheet PDF - Intersil Corporation

部品番号 ISL97686IBZ
ダウンロード  ISL97686IBZ Click to download

ファイルサイズ   1304.6 Kbytes
ページ   23 Pages
メーカー  INTERSIL [Intersil Corporation]
ホームページ  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation
部品情報 4-Channel LED Driver with Independent Channel Control for Dynamic Dimming

ISL97686IBZ データシート (HTML) - Intersil Corporation


ISL97686IBZ 製品詳細

The ISL97686 is a PWM controlled LED driver that supports
4 channels of LED current, for Monitor and TV LCD backlight
applications. It is capable of driving 160mA per channel from a
9V to 32V input supply, with current sources rated up to 75V
absolute maximum.
The ISL97686’s current sources achieve typical current matching
to ±1%, while dynamically maintaining the minimum required
VOUT necessary for regulation. This adaptive scheme
compensates for the non-uniformity of forward voltage variance
in the LED strings.
The ISL97686 dimming can be controlled by a high speed SPI
interface for independent channel control for dynamic dimming
function synthesized on chip at 10-bit resolution.
The ISL97686 has an advanced dynamic headroom control
function, which monitors the highest LED forward voltage string,
and regulates the output to the correct level to minimize power
loss. This proprietary regulation scheme also allows for
extremely linear PWM dimming from 0.02% to 100%. The LED
current can also be switched between two current levels, giving
support for 3D applications. The ISL97686 incorporates
extensive protections of string open and short circuit detections,
OVP, and OTP

Features
• 4 x 160mA, 75V Rated Channels with Integrated Channel
Regulation FETs
• Channels can be Ganged for High Current
- 2 x 350mA
- 1 x 700mA
• 9V~32V Input Voltage
• Dimming Modes:
- Independent Channel Dimming Control with SPI
- PWM Dimming with Adjustable Output Frequency
- 10-bit Dimming Resolution
- VSYNC Mode
• 2 Selectable Current Levels for 3D Applications
• Current Matching of ±1%
• Integrated Fault Protection Features such as String Open
Circuit Protection, String Short Circuit Protection, Overvoltage
Protection, and Over-Temperature Protection
• 28 Ld 5x5mm TQFN and 28 Ld 300mil SOIC Packages Available

Applications
• Monitor/TV LED Backlighting
• General/Industrial/Automotive Lighting




同様の部品番号 - ISL97686IBZ

メーカー部品番号データシート部品情報
logo
Intersil Corporation
ISL97686IBZ INTERSIL-ISL97686IBZ Datasheet
1Mb / 23P
4-Channel LED Driver with Independent Channel Control for Dynamic Dimming
April 23, 2012
logo
Renesas Technology Corp
ISL97686IBZ RENESAS-ISL97686IBZ Datasheet
1Mb / 22P
4-Channel LED Driver with Independent Channel Control for Dynamic Dimming
ISL97686IBZ-EVAL1Z RENESAS-ISL97686IBZ-EVAL1Z Datasheet
1Mb / 22P
4-Channel LED Driver with Independent Channel Control for Dynamic Dimming
More results


同様の説明 - ISL97686IBZ

メーカー部品番号データシート部品情報
logo
Intersil Corporation
ISL97687 INTERSIL-ISL97687 Datasheet
1Mb / 24P
4-Channel LED Driver with Phase Shift Control and 10-Bit Dimming Resolution
September 15, 2011
ISL97687IBZ INTERSIL-ISL97687IBZ Datasheet
1Mb / 24P
4-Channel LED Driver with Phase Shift Control and 10-Bit Dimming Resolution
ISL97687IRTZ INTERSIL-ISL97687IRTZ Datasheet
1Mb / 24P
4-Channel LED Driver with Phase Shift Control and 10-Bit Dimming Resolution
November 13, 2013
ISL97686 INTERSIL-ISL97686 Datasheet
1Mb / 23P
4-Channel LED Driver with Independent Channel Control for Dynamic Dimming
April 23, 2012
logo
Renesas Technology Corp
ISL97686 RENESAS-ISL97686 Datasheet
1Mb / 22P
4-Channel LED Driver with Independent Channel Control for Dynamic Dimming
logo
Kinetic Technologies.
KTD2682 KINETIC-KTD2682 Datasheet
105Kb / 2P
Two-Channel Flash LED Driver with Independent Current Control
August 2020 - Revision 04b
KTD2683B KINETIC-KTD2683B Datasheet
106Kb / 2P
Three-Channel Flash LED Driver with Independent Current Control
August 2020 - Revision 04b
KTD2684 KINETIC-KTD2684 Datasheet
105Kb / 2P
Two-Channel Flash LED Driver with Independent Current Control
August 2020 - Revision 04b
KTD2686 KINETIC-KTD2686 Datasheet
101Kb / 2P
Three-Channel Flash LED Driver with Independent Current Control
August 2020 - Revision 04b
KTD2688 KINETIC-KTD2688 Datasheet
109Kb / 2P
Two-Channel Flash LED Driver with Independent Current Control
August 2020 - Revision 04b
More results




Intersil Corporation について


Intersil Corporationは、高性能アナログと混合シグナル統合回路の設計と製造に特化したアメリカの半導体会社でした。
同社は1967年に設立され、電力管理、データ変換、無線頻度(RF)テクノロジーの専門知識で知られています。
Intersilの製品は、家電、産業、通信、航空宇宙と防衛などの幅広いアプリケーションで使用されていました。
2016年、Intersilは日本の半導体会社であるRenesas Electronics Corporationに買収されました。
Intersilのブランドとテクノロジーは、Renesasの製品ポートフォリオの一部として開発および販売され続けています。

*この情報はあくまでも一般的な情報であり、上記の情報によって生じたいかなる損失や損害についても責任を負うものではありません。




リンク URL



ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   データシートへのリンク    |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com