| メーカー | 部品番号 | データシート | 部品情報 |
 Formosa MS |
BAV70
|
348Kb / 2P |
The BAV70 consists of two diodes in a plastic surface mount package
|
|
BAV99
|
213Kb / 2P |
The BAV99 consists of two diodes in a plastic surface mount package
|
 Asahi Kasei Microsystem... |
AKD4589-B
|
2Mb / 51P |
gle chip 24bit CODEC that has two channels of ADC
|
|
AKD4682-A
|
1Mb / 51P |
24bit CODEC that has two channels of ADC and four channels of DAC
|
 List of Unclassifed Man... |
SF37S010000
|
239Kb / 9P |
Secure assembly of the two case parts
|
 STMicroelectronics |
AN991
|
48Kb / 3P |
The application has been developed to supply two 18W fluorescent lamps
Jun-2002 |
 Sanken electric |
LC5710S
|
2Mb / 42P |
Operation Types: The following converter types are applicable by the external circuit configuration
|
 Laird Tech Smart Techno... |
YF450112
|
689Kb / 2P |
The antenna has an ingress protection rating of IP67
|
 HTC Korea TAEJIN Techno... |
LM2904
|
197Kb / 4P |
The LM2904 consists of two independent
|
 PHOENIX CONTACT |
0803316
|
54Kb / 2P |
The marker has two fastening eyes so that it can be attached to the conductor by means of PKB ... cable binders
|