| メーカー | 部品番号 | データシート | 部品情報 |
 Molex Electronics Ltd. |
1301530115
|
33Kb / 1P |
Super-Safeway In-Line Industrial GFCI, Portable, Single Phase, Manual Reset, Molded NEMA L5-20, 20A, 120V, 0.61m (2.0) Cord Length
|
|
1301530118
|
33Kb / 1P |
Super-Safeway In-Line Industrial GFCI, Portable, Single Phase, Manual Reset, NEMA 5-20, 20A, 120V, 7.62m (25.0) Cord Length
|
|
1301530121
|
33Kb / 1P |
Super-Safeway In-Line Industrial GFCI, Portable, Single Phase, Manual Reset,NEMA 5-20, 20A, 120V, 1.83m (6.0) Cord Length
|
|
1301530123
|
38Kb / 1P |
Super-Safeway In-Line Industrial GFCI, Portable, Single Phase, Automatic Reset, NEMA 5-20 Plug, NEMA 5-20 Receptacle, Watertight, 20A, 120V, 0.61m (2.0) Cord length
|
|
1301530130
|
38Kb / 1P |
Super-Safeway In-Line Industrial GFCI, Portable, Single Phase, Manual Reset, NEMA 5-20, 20A, 120V, 7.62m (25.0) Cord Length
|
|
1301530134
|
38Kb / 1P |
Super-Safeway In-Line Industrial GFCI, Portable, Single Phase, Manual Reset, NEMA 5-20, 20A, 120V, 1.83m (6.0) Cord Length
|
|
1301530156
|
38Kb / 1P |
Super-Safeway In-Line Industrial GFCI, Portable, Single Phase, Manual Reset, NEMA L6-20 Plug & Connector, 20A, 240V, 0.61m (2.0) Cord Length
|
|
1301530158
|
34Kb / 1P |
Super-Safeway In-Line Industrial GFCI, Portable, Single Phase, Manual Reset, Molded NEMA L6-20 Plug & Connector, 20A, 240V, 0.61m (2.0) Cord Length
|
|
1301530044
|
35Kb / 1P |
Super-Safeway In-Line Industrial GFCI, Portable, Single Phase, Manual Reset, NEMA 5-15, 15A, 120V, 0.61m (2.0) Cord Length
07/28/2021 |
|
1301530059
|
38Kb / 1P |
Super-Safeway In-Line Industrial GFCI, Portable, Single Phase, Manual Reset, NEMA 5-15 Plug & Connector, 15A, 120V, 0.61m (2.0) Cord Length
07/29/2021 |