データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

ALM-32220 データシート (PDF) - Broadcom Corporation.

ALM-32220 Datasheet PDF - Broadcom Corporation.
部品番号 ALM-32220
ダウンロード  ALM-32220 ダウンロード
ファイルサイズ   719.09 Kbytes
ページ   11 Pages
メーカー  BOARDCOM [Broadcom Corporation.]
ホームページ  http://www.broadcom.com
Logo BOARDCOM - Broadcom Corporation.
部品情報 1.7 GHz ??2.7 GHz 2 Watt High Linearity Amplifier

ALM-32220 Datasheet (PDF)

Go To PDF Page ダウンロード データシート
ALM-32220 Datasheet PDF - Broadcom Corporation.

部品番号 ALM-32220
ダウンロード  ALM-32220 Click to download

ファイルサイズ   719.09 Kbytes
ページ   11 Pages
メーカー  BOARDCOM [Broadcom Corporation.]
ホームページ  http://www.broadcom.com
Logo BOARDCOM - Broadcom Corporation.
部品情報 1.7 GHz ??2.7 GHz 2 Watt High Linearity Amplifier

ALM-32220 データシート (HTML) - Broadcom Corporation.




同様の部品番号 - ALM-32220

メーカー部品番号データシート部品情報
logo
AVAGO TECHNOLOGIES LIMI...
ALM-32220 AVAGO-ALM-32220 Datasheet
1,006Kb / 11P
3.3GHz 3.9GHz 2 Watt High Linearity Amplifier
ALM-32220 AVAGO-ALM-32220 Datasheet
719Kb / 11P
2 Watt High Linearity Amplifier
ALM-32220-BLKG AVAGO-ALM-32220-BLKG Datasheet
692Kb / 11P
2 Watt High Linearity Amplifier
ALM-32220-BLKG AVAGO-ALM-32220-BLKG Datasheet
719Kb / 11P
2 Watt High Linearity Amplifier
ALM-32220-TR1G AVAGO-ALM-32220-TR1G Datasheet
692Kb / 11P
2 Watt High Linearity Amplifier
More results


同様の説明 - ALM-32220

メーカー部品番号データシート部品情報
logo
Hittite Microwave Corpo...
HMC455LP3 HITTITE-HMC455LP3 Datasheet
313Kb / 8P
InGaP HBT 1/2 Watt High IP3 AMPLIFIER, 1.7 - 2.5 GHz
logo
TriQuint Semiconductor
TQP9111 TRIQUINT-TQP9111 Datasheet
895Kb / 12P
1.8 ??2.7 GHz 2 Watt Power Amplifier
logo
BeRex Corporation
BMT333 BEREX-BMT333 Datasheet
1Mb / 20P
1.8-2.7 GHz 2W High Linearity 5V 2-Stage Power Amplifier
logo
Broadcom Corporation.
ALM-31222 BOARDCOM-ALM-31222 Datasheet
363Kb / 13P
1.7-2.7GHz 1-Watt High Linearity Amplifier
logo
BeRex Corporation
BLB02 BEREX-BLB02_18 Datasheet
991Kb / 15P
1.5 ??2.7 GHz High Linearity LNA
BMT333 BEREX-BMT333_18 Datasheet
1Mb / 20P
1.8-2.7 GHz 2W High Linearity 5V 2-Stage Power Amplifier
logo
WALSIN TECHNOLOGY CORPO...
RFLPF1608060F67N2T WALSIN-RFLPF1608060F67N2T Datasheet
511Kb / 7P
1.7 ~ 2.7 GHz Working Frequency
logo
Qorvo, Inc
TQP9111 QORVO-TQP9111 Datasheet
895Kb / 12P
1.8 ??2.7 GHz 2 Watt Power Amplifier
logo
Guerrilla RF, Inc.
GRF5517W GUERRILLA-GRF5517W Datasheet
5Mb / 27P
HIGH LINEARITY POWER AMPLIFIER 1.7 to 1.8 GHz
January 24, 2023
GRF5526W GUERRILLA-GRF5526W Datasheet
1Mb / 19P
HIGH LINEARITY POWER AMPLIFIER 2.5 to 2.7 GHz
January 27, 2023
More results




Broadcom Corporation. について


Broadcom Corporation was an American semiconductor company that designed and manufactured a wide range of products for wired and wireless communication, storage, and industrial markets. The company was founded in 1991 and was based in Irvine, California.

Broadcom Corporation's products were used in a variety of applications, including data centers, smartphones, home networking, broadband, and automotive industries. The company's portfolio included chips for Wi-Fi, Bluetooth, Ethernet, and other connectivity technologies, as well as processors for storage devices, switches, and routers.

In 2016, Broadcom Corporation announced its intention to acquire Brocade Communications Systems, a networking company that provided data center solutions, for $5.9 billion. The acquisition was completed in November 2017.

In 2018, Broadcom Corporation relocated its headquarters to San Jose, California, and changed its name to Broadcom Inc. Today, Broadcom Inc. is a global technology company that provides a wide range of semiconductor and infrastructure software solutions for wired and wireless communications, enterprise storage, and industrial markets.

*この情報はあくまでも一般的な情報であり、上記の情報によって生じたいかなる損失や損害についても責任を負うものではありません。




リンク URL



ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   データシートへのリンク    |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com