| メーカー | 部品番号 | データシート | 部品情報 |
 Schneider Electric |
RE7ML11BU
|
360Kb / 19P |
time delay relay 6 functions - 0.05..1 s - 24 V AC DC - 1OC
Mar 4, 2021 |
|
RE17RHMU
|
163Kb / 9P |
Harmony, Modular timing relay, 8 A, 1 CO, 1 s..100 h, on delay, 24 V DC / 24...240 V AC/DC
Aug 25, 2021 |
|
RE22R1AMR
|
167Kb / 7P |
Harmony, Modular timing relay, 8 A, 1 CO, 0.05 s??00 h, power on delay , 24...240 V AC/DC
Aug 25, 2021 |
|
RE22R1CMR
|
181Kb / 7P |
Harmony, Modular timing relay, 8 A, 1 CO, 0.05 s??00 h, off delay , 24...240 V AC/DC
Aug 25, 2021 |
|
RE22R1KMR
|
149Kb / 6P |
Harmony, Modular timing relay, 5 A, 1 CO, 0.05 s...10 min, delay on de-energization, 24...240 V AC/DC
Aug 25, 2021 |
|
RE22R1MAMR
|
204Kb / 8P |
Harmony, Modular timing relay, 8 A, 1 CO, 0.05 s...300 h, on delay, 24...240 V AC/DC
Aug 25, 2021 |
|
RE22R1MKMR
|
158Kb / 7P |
Harmony, Modular timing relay, 5 A, 1 CO, 0.05 s...300 s, delay on and pulse on de-energization, 24...240 V AC/DC
Aug 25, 2021 |
|
RE22R2ACMR
|
164Kb / 6P |
Harmony, Modular timing relay, 8 A, 2 CO, 0.05 s??00 h, on delay and off delay, 24...240 V AC/DC
Aug 25, 2021 |
|
RE7MY13BU
|
388Kb / 12P |
time delay relay 8 functions - 0.05..1 s - 24 V AC DC - 2OC
Sep 14, 2021 |
|
RE7RB13MW
|
210Kb / 7P |
adjustable off-delay timing relay - 0.05..1 s - 240 V AC DC - 2OC
Sep 14, 2021 |