| データシートサーチシステム |
|
ST20196 データシート(PDF) 6 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
ST20196 データシート(HTML) 6 Page - STMicroelectronics |
|
6 / 7 page ![]() ST20190 6/7 7 DEVELOPMENT SUPPORT FOR THE ST20190 Great care has been taken in defining the ST20190 to ease its integration into system designs. In partic- ular, this is achieved: – At hardware level: by using one standard interface (ATM Utopia) both for data transfer and for control – At firmware level: by clearly separating the modem firmware, run on the embedded Transceiver Con- troller from other systems related and application-specific functions. The boundary between the two domains is provided by means of a simple modem control protocol (CTRL- E). This "packaged modem" approach provides a self-contained ADSL modem solution, allowing system manufacturers to concentrate on system issues. The ST20190 comes in a package with full firmware, schematics, Bill of Materials and layout information for the ADSL modem part. It is further supported by a full development environment comprising: – Evaluation boards – PC firmware driver for CTRLE – DeTONEator S/W for CTRLE to a PC – ADSL test and control FW running on PC Table 2. Revision History Date Revision Description of Changes June 2004 1 First Issue in EDOCS dms. |