| データシートサーチシステム |
|
AD7707 データシート(PDF) 39 Page - Analog Devices |
|
|
|||||||||||||||||||||||||||||
AD7707 データシート(HTML) 39 Page - Analog Devices |
|
39 / 53 page ![]() AD7707 Rev. B | Page 38 of 52 POWER-ON/RESET FOR AD7707 CONFIGURE AND INITIALIZE MICROCONVERTER/ MICROPROCESSOR SERIAL PORT WRITE TO COMMUNICATIONS REGISTER SELECTING CHANNEL AND SETTING UP NEXT OPERATION TO BE A WRITE TO THE CLOCK REGISTER (20 HEX) WRITE TO CLOCK REGISTER SETTING THE CLOCK BITS IN ACCORDANCE WITH THE APPLIED MASTER CLOCK SIGNAL AND SELECT UPDATE RATE FOR SELECTED CHANNEL (0C HEX) WRITE TO COMMUNICATIONS REGISTER SELECTING CHANNEL AND SETTING UP NEXT OPERATION TO BE A WRITE TO THE SETUP REGISTER (10 HEX) WRITE TO SETUP REGISTER CLEARING F SYNC, SETTING UP GAIN, OPERATING CONDITIONS AND INITIATING A SELF-CALIBRATION ON SELECTED CHANNEL (40 HEX) POLL DRDY PIN NO YES WRITE TO COMMUNICATIONS REGISTER SETTING UP NEXT OPERATION TO BE A READ FROM THE DATA REGISTER (38 HEX) READ FROM DATA REGISTER WRITE TO COMMUNICATIONS REGISTER SETTING UP NEXT OPERATION TO BE A READ FROM THE COMMUNICATIONS REGISTER (08 HEX) READ FROM COMMUNICATIONS REGISTER POLL DRDY BIT OF COMMUNICATIONS REGISTER WRITE TO COMMUNICATIONS REGISTER SETTING UP NEXT OPERATION TO BE A READ FROM THE DATA REGISTER (38 HEX) START READ FROM DATA REGISTER DRDY LOW? NO YES DRDY LOW? Figure 22. Flowchart for Setting Up and Reading from the AD7707 |