データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

HT-PR70UB データシート(PDF) 2 Page - Inolux Corporation

部品番号 HT-PR70UB
部品情報  Super Flux Led Lamp with 3mm Dome
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  INOLUX [Inolux Corporation]
ホームページ  http://www.inolux-corp.com/index.php
Logo INOLUX - Inolux Corporation

HT-PR70UB データシート(HTML) 2 Page - Inolux Corporation

  HT-PR70UB Datasheet HTML 1Page - Inolux Corporation HT-PR70UB Datasheet HTML 2Page - Inolux Corporation HT-PR70UB Datasheet HTML 3Page - Inolux Corporation HT-PR70UB Datasheet HTML 4Page - Inolux Corporation HT-PR70UB Datasheet HTML 5Page - Inolux Corporation HT-PR70UB Datasheet HTML 6Page - Inolux Corporation HT-PR70UB Datasheet HTML 7Page - Inolux Corporation HT-PR70UB Datasheet HTML 8Page - Inolux Corporation HT-PR70UB Datasheet HTML 9Page - Inolux Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
HT-PR70XXX Series
Super Flux
Through Hole Lamp
Official Product
HT-PR70XXX series
Customer Part No.
Data Sheet No.
****************
****************
HT-PR70XXX series
Specifications are subject to change without notice. Data and
drawings herein are copyrighted.
June 27, 2013
Version of 1.0
Page
2/12
DISCLAIMER
INOLUX reserves the right to make changes without further notice to any products herein to
improve reliability, function or design. INOLUX does not assume any liability arising out of the
application or use of any product or circuit described herein; neither does it convey any license
under its patent rights, nor the rights of others.
LIFE SUPPORT POLICY
INOLUX’s products are not authorized for use as critical components in life support devices or
systems without the express written approval of the President of INOLUX or INOLUX
INTERNATIONAL. As used herein:
1. Life support devices or systems are devices or systems which, (a) are intended for surgical
implant into the body, or (b) support or sustain life, and (c) whose failure to perform when
properly used in accordance with instructions for use provided in the labeling, can be
reasonably expected to result in a significant injury of the user.
2. A critical component in any component of a life support device or system whose failure to
perform can be reasonably expected to cause the failure of the life support device or system,
or to affect its safety or effectiveness.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12