データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

TLP921 データシート(PDF) 3 Page - Toshiba Semiconductor

部品番号 TLP921
部品情報  Toshiba Photoreflective sensor Infrared LED Phototransistor Inkjet printers ink-level monitoring
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  TOSHIBA [Toshiba Semiconductor]
ホームページ  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TLP921 データシート(HTML) 3 Page - Toshiba Semiconductor

  TLP921 Datasheet HTML 1Page - Toshiba Semiconductor TLP921 Datasheet HTML 2Page - Toshiba Semiconductor TLP921 Datasheet HTML 3Page - Toshiba Semiconductor TLP921 Datasheet HTML 4Page - Toshiba Semiconductor TLP921 Datasheet HTML 5Page - Toshiba Semiconductor TLP921 Datasheet HTML 6Page - Toshiba Semiconductor TLP921 Datasheet HTML 7Page - Toshiba Semiconductor TLP921 Datasheet HTML 8Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
TLP921
2002-04-03
3
Handling Precautions
· When removing flux with chemicals after soldering, clean only the soldered part of the leads. Do not
immerse the entire package in the cleaning solvent. Chemical residue on the LED emitter or the
photodetector inside the phototransistor case may adversely affect the optical characteristics of the device
and may drastically reduce the collector current.
· The case is made of polybutylene-terephthalate. Oil or chemicals may cause the package to melt or crack.
Care must be taken in relation to the environment in which the device is to be installed.
· Mount the device on a level surface.
· The collector current characteristic will deteriorate over time due to current flowing in the infrared LED.
The design of circuits which incorporate the device must take into account the change in collector current
over time.
· When the 2-mm hole is used as screw fixation, please fastening torque 0.1 N or less.



Html Pages

1 2 3 4 5 6 7 8