| データシートサーチシステム |
|
DS31256 データシート(PDF) 87 Page - Maxim Integrated Products |
|
|
|||||||||||||||||||||||||||||
DS31256 データシート(HTML) 87 Page - Maxim Integrated Products |
|
87 / 183 page ![]() DS31256 256-Channel, High-Throughput HDLC Controller 87 of 183 Host Actions The host typically handles the receive DMA as follows: 1) The host is always trying to make free data buffer space available and therefore tries to fill the free- queue descriptor. 2) The host either polls, or is interrupted, when some incoming packet data is ready for processing. 3) The host then reads the done-queue descriptor circular queue to find out which channel has data available, what the status is, and where the receive packet descriptor is located. 4) The host then reads the receive packet descriptor and begins processing the data. 5) The host then reads the next descriptor pointer in the link-listed chain and continues this process until either a number (from 1 to 7) of descriptors have been processed or an end of packet has been reached. 6) The host then checks the done-queue descriptor circular queue to see if any more data buffers are ready for processing. |