| データシートサーチシステム |
|
LED34-RW データシート(PDF) 4 Page - Roithner LaserTechnik GmbH |
|
|
|||||||||||||||||||||||||||||
LED34-RW データシート(HTML) 4 Page - Roithner LaserTechnik GmbH |
|
4 / 6 page ![]() www.roithner-laser.com 4 All Dimensions in mm All Dimensions in mm All Dimensions in mm LED34-RW TO-18, with parabolic reflector and window LED34-TW TO-5, thermocooler and thermoresistor, cap and window LED34-TRW TO-5, thermocooler and thermoresistor, cap and window Lead Description PIN 1 LED Cathode PIN 2 LED Anode (red dot) Lead Description PIN 1 TEC + PIN 2 LED Anode (red dot) PIN 3 LED Cathode PIN 4 Thermistor PIN 5 Thermistor PIN 6 TEC - Lead Description PIN 1 TEC + PIN 2 LED Anode (red dot) PIN 3 LED Cathode PIN 4 Thermistor PIN 5 Thermistor PIN 6 TEC - |