データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

AP1551 データシート(PDF) 2 Page - Anachip Corp

部品番号 AP1551
部品情報  150KHz, Dual Channel 2A PWM Buck DC/DC Converter
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  ANACHIP [Anachip Corp]
ホームページ  
Logo ANACHIP - Anachip Corp

AP1551 データシート(HTML) 2 Page - Anachip Corp

  AP1551 Datasheet HTML 1Page - Anachip Corp AP1551 Datasheet HTML 2Page - Anachip Corp AP1551 Datasheet HTML 3Page - Anachip Corp AP1551 Datasheet HTML 4Page - Anachip Corp AP1551 Datasheet HTML 5Page - Anachip Corp AP1551 Datasheet HTML 6Page - Anachip Corp AP1551 Datasheet HTML 7Page - Anachip Corp AP1551 Datasheet HTML 8Page - Anachip Corp  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
AP1551
150KHz, Dual Channel 2A PWM Buck DC/DC Converter
Anachip Corp.
www.anachip.com.tw
Rev. 1.0 Nov 17, 2004
2/8
Ordering Information
AP 1551 X X
Package
Packing
S: SOP-16L
Blank : Tube
A : Taping
Block Diagram
(Channel 1 and channel 2 are the same)
Current
Source
bias
1.235V
Reference
2.5V
Regulator
150kHz
OSC.
Start
up
+
+
+
_
Thermal
Shutdown
Pre-driver
Comp
Comp
GND
V
OUT1
V
IN1
SD1
FB1
220mV
200mV
2A
Switch
+
_
Amp
Comp
Frequecy
compen-
sation



Html Pages

1 2 3 4 5 6 7 8