| データシートサーチシステム |
|
TSL1401CS データシート(PDF) 8 Page - List of Unclassifed Manufacturers |
|
|
|||||||||||||||||||||||||||||
TSL1401CS データシート(HTML) 8 Page - List of Unclassifed Manufacturers |
|
8 / 14 page ![]() TSL1401CS 128 × 1 LINEAR SENSOR ARRAY WITH HOLD TAOS036A - AUGUST 2003 8 r r Copyright E 2003, TAOS Inc. The LUMENOLOGY r Company www.taosinc.com APPLICATION INFORMATION A 0.1 µF bypass capacitor should be connected between VDD and ground as close as possible to the device. The HOLD pin on the device is normally connected to the SI pin in single-die operation. In multi-die operation of n die, the HOLD pin is used to provide a continuous scan across the n die. See Figure 9 for an example of this wiring configuration. Note that there is a single AO signal when used in this mode. Alternately, the individual die may be scanned all at once by connecting the individual SI and HOLD lines and reading the AO signals in parallel. See Figure 10 for an example of this wiring configuration. SO 7 AO 6 GND GND SI HOLD CLK TSL1401CS VDD 5 8 4 3 2 1 SO 7 AO 6 GND SI HOLD CLK TSL1401CS VDD 5 8 4 3 2 1 SO 7 AO 6 GND SI HOLD CLK TSL1401CS VDD 5 8 4 3 2 1 AO SI CLK VDD C1 0.1 mF C2 0.1 mF C3 0.1 mF Figure 9. Multi-Die Continuous Scan SO 7 AO 6 GND GND SI HOLD CLK TSL1401CS VDD 5 8 4 3 2 1 SO 7 AO 6 GND SI HOLD CLK TSL1401CS VDD 5 8 4 3 2 1 SO 7 AO 6 GND SI HOLD CLK TSL1401CS VDD 5 8 4 3 2 1 AO2 SI CLK VDD AO1 AO3 C1 0.1 mF C2 0.1 mF C3 0.1 mF Figure 10. Multi-Die Individual Scan |