データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

PE4530 データシート(PDF) 2 Page - Pasternack Enterprises, Inc.

部品番号 PE4530
部品情報  SMA Female Bulkhead Mount Hermetically Sealed Connector Solder Attachment
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  PASTERNACK [Pasternack Enterprises, Inc.]
ホームページ  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PE4530 データシート(HTML) 2 Page - Pasternack Enterprises, Inc.

  PE4530 Datasheet HTML 1Page - Pasternack Enterprises, Inc. PE4530 Datasheet HTML 2Page - Pasternack Enterprises, Inc. PE4530 Datasheet HTML 3Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
2
Material Specifications
Description
Material
Plating
Contact
Beryllium Copper
Gold
MIL-G-45204
Insulation
PTFE
Body
Stainless Steel
Gold
MIL-G-45204
.
Environmental Specifications
Temperature
Operating Range
-65 to +165 deg C
Ingress Protection (IP) Rating
IP67 Rated
Compliance Certifications (see product page for current document)
Plotted and Other Data
Notes:
Assembly Instruction
SMA Female Bulkhead Mount Hermetically Sealed Connector Solder Attachment Stub Terminal, .250 inch Diameter, Front
Mount IP67 Rated from Pasternack Enterprises has same day shipment for domestic and International orders. Our RF,
microwave and millimeter wave products maintain a 99.4% availability and are part of the broadest selection in the industry.
Click the following link (or enter part number in “SEARCH” on website) to obtain additional part information including price,
inventory and certifications: SMA Female Bulkhead Mount Hermetically Sealed Connector Solder Attachment Stub Terminal,
.250 inch Diameter, Front Mount IP67 Rated PE4530
URL: https://www.pasternack.com/sma-female-standard-stub-terminal-connector-pe4530-p.aspx
PE4530 REV 1.3
RF Connectors Technical Data Sheet
PE4530
SMA Female Bulkhead Mount Hermetically Sealed
Connector Solder Attachment Stub Terminal,
.250 inch Diameter, Front Mount IP67 Rated



Html Pages

1 2 3