| データシートサーチシステム |
|
CDCF5801DBQR データシート(PDF) 13 Page - Texas Instruments |
|
|
|
|||||||||||||||||||||||||||||
CDCF5801DBQR データシート(HTML) 13 Page - Texas Instruments |
|
13 / 17 page ![]() www.ti.com APPLICATION INFORMATION APPLICATION EXAMPLE Z = 50 Ω Z = 50 Ω CDCV304 Clock Buffer 25 MHz P0 P1 VDDO GNDO CLKOUT NC CLKOUTB GNDO VDDO MULT0 MULT1 P2 VDDREF REFCLK VDDP GNDP GND LEADLAG DLYCTRL GNDPA VDDPA VDDPD STOPB PWRDNB 3.3 V 3.3 V CLK 35 Ω 3.3 V 3.3 V CDCF5801 CDCV304 Clock Buffer CLK Z = 50 Ω; Length = L1 25 MHz 25 MHz 25 MHz Outputs are Phase Aligned Between the Two Buffers 3.3 V Z = 50 Ω; Length = L1 30 Ω SELECTING VDDREF CDCF5801 SCAS698D – SEPTEMBER 2003 – REVISED DECEMBER 2004 The following figure shows an example of using the CDCF5801 as a ×4 multiplier with the phase aligner de-skewing the unknown buffer delay of the two CDCV304s in the circuit. This circuitry would not be possible with a simple PLL because the feedback of the PLL would have the second CDCV304 in the loop, causing instability of the PLL due to a long delay. Figure 9. Application Example NOTE: If an active element (microcontroller, ASIC, DSP< FPYA, DSP, etc.) is used in the CDCF5801 CLKOUT to DLYCTRL feedback loop, see application report SCAA075. Generally, VDDREF can be set to any value between 1.2 V and VDD. The setting of VDDREF directly influences the trigger voltage of the input. Special care must be taken when using small signal swings to drive the CVDCF5801 input (e.g., PECL). It is recommended to connect VDDREF directly to VDD, ac-couple the REFCLK input, and rebias the signal. The following circuit is recommended to drive the CDCF5801 from a differential clock signal like PECL. 13 |