データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

CY29947AI データシート(PDF) 4 Page - Cypress Semiconductor

部品番号 CY29947AI
部品情報  2.5V or 3.3V, 200-MHz, 1:9 Clock Distribution Buffer
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  CYPRESS [Cypress Semiconductor]
ホームページ  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY29947AI データシート(HTML) 4 Page - Cypress Semiconductor

  CY29947AI Datasheet HTML 1Page - Cypress Semiconductor CY29947AI Datasheet HTML 2Page - Cypress Semiconductor CY29947AI Datasheet HTML 3Page - Cypress Semiconductor CY29947AI Datasheet HTML 4Page - Cypress Semiconductor CY29947AI Datasheet HTML 5Page - Cypress Semiconductor CY29947AI Datasheet HTML 6Page - Cypress Semiconductor CY29947AI Datasheet HTML 7Page - Cypress Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
CY29947
Document #: 38-07287 Rev. *C
Page 4 of 7
Notes:
5.
Parameters are guaranteed by design and characterization. Not 100% tested in production. All parameters specified with loaded outputs.
6.
Outputs driving 50
Ω transmission lines.
7.
50% input duty cycle.
8.
See Figure 2.
9.
Part-to-Part skew at a given temperature and voltage.
10. Set-up and hold times are relative to the falling edge of the input clock
AC Parameters[5]: VDD = VDDC = 3.3V ±10% or 2.5V ±5%, Over the specified temperature range
Parameter
Description
Conditions
Min.
Typ.
Max.
Unit
Fmax
Input Frequency[6]
VDD = 3.3V
200
MHz
VDD = 2.5V
170
Tpd
TCLK To Q Delay[6]
VDD = 3.3V
4.75
9.25
ns
VDD = 2.5V
6.50
10.50
FoutDC
Output Duty Cycle[6, 7]
Measured at VDD/2
45
55
%
tpZL, tpZH
Output Enable Time (all outputs)
2
10
ns
tpLZ, tpHZ
Output Disable Time (all outputs)
2
10
ns
Tskew
Output-to-Output Skew[6, 8]
150
250
ps
Tskew(pp)
Part-to-Part Skew[9]
2.0
ns
Ts
Set-up Time[6, 10]
SYNC_OE to TCLK
0.0
ps
Th
Hold Time[6, 10]
TCLK to SYNC_OE
1.0
ps
Tr/Tf
Output Clocks Rise/Fall Time[8]
0.8V to 2.0V,
VDD = 3.3V
0.20
1.0
ns
0.6V to 1.8V,
VDD = 2.5V
0.20
1.3



Html Pages

1 2 3 4 5 6 7