| データシートサーチシステム |
|
MSP432P411VIPZR データシート(PDF) 3 Page - Texas Instruments |
|
|
|||||||||||||||||||||||||||||
MSP432P411VIPZR データシート(HTML) 3 Page - Texas Instruments |
|
3 / 212 page ![]() PCM Power Control Manager PSS Power Supply System CS Clock System RTC_C Real-Time Clock WDT_A Watchdog Timer I/O Ports P1 to P10 78 I/Os I/O Ports PJ 6 I/Os Flash 2048KB 1024KB 512KB SRAM (includes Backup Memory) 256KB 128KB ROM (Driver Library) 32KB RSTCTL Reset Controller SYSCTL_A System Controller AES256 Security Encryption, Decryption CRC32 Precision ADC 1 Msps, SAR A/D Comp_E0 Comp_E1 Analog Comparator REF_A Voltage Reference TA0, TA1 TA2,TA3 Timer_A 16 Bit 5 CCR Timer32 Two 32-bit Timers eUSCI_A0 eUSCI_A1 eUSCI_A2 eUSCI_A3 (UART, IrDA, SPI) eUSCI_B0 eUSCI_B1 eUSCI_B2 eUSCI_B3 (I C, SPI) 2 Bus Control Logic DMA 8 Channels Capacitive Touch I/O 0, Capacitive Touch I/O 1 Address Data LFXIN, HFXIN LFXOUT, HFXOUT DCOR LPM3.5 Domain P1.x to P10.x PJ.x Backup Memory SRAM 8KB CPU MPU NVIC, SysTick FPB, DWT Arm Cortex-M4F ITM, TPIU JTAG, SWD LCD_F 8-mux up to 320 Segments Utility SRAM 2KB Copyright © 2017, Texas Instruments Incorporated 3 MSP432P4111, MSP432P4011, MSP432P411Y MSP432P401Y, MSP432P411V, MSP432P401V www.ti.com SLASEA0A – DECEMBER 2017 – REVISED FEBRUARY 2018 Submit Documentation Feedback Product Folder Links: MSP432P4111 MSP432P4011 MSP432P411Y MSP432P401Y MSP432P411V MSP432P401V Device Overview Copyright © 2017–2018, Texas Instruments Incorporated 1.4 Functional Block Diagram Figure 1-1 and Figure 1-2 show the functional block diagrams of the MSP432P411x and MSP432P401x devices, respectively. Figure 1-1. MSP432P411x Functional Block Diagram |