| データシートサーチシステム |
|
SLG46170 データシート(PDF) 39 Page - Dialog Semiconductor |
|
|
|||||||||||||||||||||||||||||
SLG46170 データシート(HTML) 39 Page - Dialog Semiconductor |
|
39 / 87 page ![]() 000-0046170-103 Page 38 of 86 SLG46170 Each 3-bit LUT uses a 8-bit register signal to define their output functions; 3-Bit LUT1 is defined by reg<604:597> 3-Bit LUT2 is defined by reg<612:605> 3-Bit LUT3 is defined by reg<620:613> 3-Bit LUT4 is defined by reg<628:621> 3-Bit LUT5 is defined by reg<636:629> 3-Bit LUT6 is defined by reg<644:637> 3-Bit LUT7 is defined by reg<652:645> 3-Bit LUT8 is defined by reg<660:653> 3-Bit LUT9 is defined by reg<676:669> The table below shows the register bits for the standard digital logic devices (AND, NAND, OR, NOR, XOR, XNOR) that can be created within each of the six3-bit LUT logic cells. Table 40. 3-bit LUT Standard Digital Functions. Function MSB LSB AND-3 1 000 00 00 NAND-3 0 111 11 11 OR-3 1 111 11 10 NOR-3 0 000 00 01 XOR-3 1 001 01 10 XNOR-3 0 110 10 01 Table 39. 3-bit LUT9 Truth Table. IN2 IN1 IN0 OUT 0 0 0 reg <669> 0 0 1 reg <670> 0 1 0 reg <671> 0 1 1 reg <672> 1 0 0 reg <673> 1 0 1 reg <674> 1 1 0 reg <675> 1 1 1 reg <676> |