| データシートサーチシステム |
|
VT-702-D-A-R-287 データシート(PDF) 6 Page - Vectron International, Inc |
|
|
|||||||||||||||||||||||||||||
VT-702-D-A-R-287 データシート(HTML) 6 Page - Vectron International, Inc |
|
6 / 7 page ![]() Vectron International • 267 Lowell Road, Suite 102, Hudson, NH 03051 • Tel: 1-88-VECTRON-1 • http://www.vectron.com Page6 VCXO Function VCXO Feature: The VT-702 is supplied with a VCXO function for applications were it will be used in a PLL, or the output frequency needs fine tune or calibration adjustments. This is a high impedance input, 100kOhm, and can be driven with an op-amp or terminated with adjustable resistors etc. Pin1 should not be left floating on the VCXO optional device. VT-702- E F W - 207A- xxMxxxxxxx Product TCXO Voltage Options D: +5.0 Vdc ± 5% E: +3.3 Vdc ± 5% F: +3.0Vdc ± 5% G: +2.8Vdc ± 5% Output A: CMOS F: Clipped Sine Wave Stability 508: ±0.05ppm 107: ±0.10ppm 207: ±0.20ppm 287: ±0.28ppm 507: ±0.50ppm Frequency in MHz Temp Range R: 0/55°C W: -10/70°C J: -20/70°C G: -30/80°C H: -30/85°C E: -40/85°C Tuning 0: Fixed, No tuning A: ±5ppm B: ±8ppm C: ±10ppm D: ±12ppm Package 7.0 x 5.0 10pad Package *Note: not all combination of options are available. Other specifications may be available upon request. Example: VT-702-EFW-207A-19M2000000 Ordering Information Tape & Reel Table 7. Tape and Reel Information Tape Dimensions (mm) Reel Dimensions (mm) W F Do Po P1 A B C D N W1 W2 #/Reel 16 7.5 1.5 4 8 180 1.5 13 20.2 60 16.4 20.4 1000 |