| データシートサーチシステム |
|
ATECC508A データシート(PDF) 68 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
ATECC508A データシート(HTML) 68 Page - Microchip Technology |
|
68 / 109 page ![]() 32 bytes TempKey.value 1 byte Opcode (always 0x15) 1 byte Mode 1 byte LSB of KeyID 1 byte Zero 1 byte SN<8> 2 bytes SN<0:1> 25 bytes Zeros 32 bytes Input OtherData Parameter If zone is Data and SlotConfig.NoMac is one, then the SHA-256 message body used to create the resulting new TempKey consists of the following bytes: 32 bytes Slot<KeyID> 4 bytes OtherData 1 byte SN<8> 2 bytes SN<0:1> 25 bytes Zeros 32 bytes TempKey.value If zone is Counter, then the SHA-256 message body used to create the resulting new TempKey consists of the following bytes. Counter mode is supported only on the ATECC508A. 32 bytes Zeros 1 byte Opcode 1 byte Param1 2 bytes Param2 1 byte SN<8> 2 bytes SN<0:1> 1 byte Zero 4 bytes Counter<KeyID> (binary value as reported by Counter command) 20 bytes Zeros 32 bytes TempKey.value If zone is “Key Config” (0x05), then the SHA-256 message body used to create the resulting new TempKey consists of the following bytes: 32 bytes Zeros 1 byte Opcode 1 byte Mode 2 bytes Param2 ATECC508A Security Commands © 2017 Microchip Technology Inc. Datasheet Complete DS20005927A-page 68 |