| データシートサーチシステム |
|
AD5560JSVUZ データシート(PDF) 65 Page - Analog Devices |
|
|
|||||||||||||||||||||||||||||
AD5560JSVUZ データシート(HTML) 65 Page - Analog Devices |
|
65 / 67 page ![]() AD5560 Data Sheet Rev. E | Page 64 of 66 TEMPERATURE CONTOUR MAP ON THE TOP OF THE PACKAGE TQFP_EP Package Due to localized heating, temperature at the top surface of the package has steep gradient. Thus, the θJC value is highly dependent on where the case temperature is measured. Figure 62 shows the top of the die temperature contour map for the TQFP_EP. BGA Package Due to localized heating, temperature at the top surface of the package has steep gradient. Thus, the θJC value is highly dependent on where the case temperature is measured. Figure 63 shows the top of the die temperature contour map for the flip chip BGA. Figure 62. Temperature Contour Map for 64-Lead TQFP_EP Figure 63. Temperature Contour Map for the Flip Chip BGA |