| データシートサーチシステム |
|
L78L33AB データシート(PDF) 4 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
L78L33AB データシート(HTML) 4 Page - STMicroelectronics |
|
4 / 24 page ![]() L78L00 SERIES 4/24 ELECTRICAL CHARACTERISTICS OF L78L33C (refer to the test circuits, TJ = 0 to 125°C, VI =8.3V, IO =40 mA, CI =0.33 µF, CO = 0.1 µF unless otherwise specified) ELECTRICAL CHARACTERISTICS OF L78L05C (refer to the test circuits, TJ = 0 to 125°C, VI =10V, IO =40 mA, CI =0.33 µF, CO = 0.1 µF unless otherwise specified). Symbol Parameter Test Conditions Min. Typ. Max. Unit VO Output Voltage TJ = 25°C 3.036 3.3 3.564 V VO Output Voltage IO = 1 to 40 mA VI = 5.3 to 20 V 2.97 3.63 V IO = 1 to 70 mA VI = 8.3 V 2.97 3.63 ∆V O Line Regulation VI = 5.3 to 20 V TJ = 25°C 150 mV VI = 6.3 to 20 V TJ = 25°C 100 ∆V O Load Regulation IO = 1 to 100 mA TJ = 25°C 60 mV IO =1to 40mA TJ = 25°C 30 Id Quiescent Current TJ = 25°C 6 mA TJ = 125°C 5.5 mA ∆I d Quiescent Current Change IO =1to 40mA 0.2 mA VI = 6.3 to 20 V 1.5 eN Output Noise Voltage B =10Hz to 100KHz TJ = 25°C 40 µV SVR Supply Voltage Rejection VI = 6.3 to 16.3 V f = 120Hz IO =40 mA TJ = 25°C 41 49 dB Vd Dropout Voltage 1.7 V Symbol Parameter Test Conditions Min. Typ. Max. Unit VO Output Voltage TJ = 25°C 4.6 5 5.4 V VO Output Voltage IO = 1 to 40 mA VI =7 to 20 V 4.5 5.5 V IO = 1 to 70 mA VI = 10 V 4.5 5.5 ∆V O Line Regulation VI = 8.5 to 20 V TJ = 25°C 200 mV VI =9 to 20 V TJ = 25°C 150 ∆V O Load Regulation IO = 1 to 100 mA TJ = 25°C 60 mV IO =1to 40mA TJ = 25°C 30 Id Quiescent Current TJ = 25°C 6 mA TJ = 125°C 5.5 mA ∆I d Quiescent Current Change IO =1to 40mA 0.2 mA VI = 8 to 20 V 1.5 eN Output Noise Voltage B =10Hz to 100KHz TJ = 25°C 40 µV SVR Supply Voltage Rejection VI = 9 to 20 V f = 120Hz IO =40 mA TJ = 25°C 40 49 dB Vd Dropout Voltage 1.7 V |