| データシートサーチシステム |
|
L78L05AB データシート(PDF) 6 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
L78L05AB データシート(HTML) 6 Page - STMicroelectronics |
|
6 / 24 page ![]() L78L00 SERIES 6/24 ELECTRICAL CHARACTERISTICS OF L78L09C (refer to the test circuits, TJ = 0 to 125°C, VI =15V, IO =40 mA, CI =0.33 µF, CO = 0.1 µF unless otherwise specified). ELECTRICAL CHARACTERISTICS OF L78L10C (refer to the test circuits, TJ = 0 to 125°C, VI =16V, IO =40 mA, CI =0.33 µF, CO = 0.1 µF unless otherwise specified). Symbol Parameter Test Conditions Min. Typ. Max. Unit VO Output Voltage TJ = 25°C 8.28 9 9.72 V VO Output Voltage IO = 1 to 40 mA VI =11.5 to 23 V 8.1 9.9 V IO = 1 to 70 mA VI = 15 V 8.1 9.9 ∆V O Line Regulation VI = 11.5 to 23 V TJ = 25°C 250 mV VI =12 to23 V TJ = 25°C 200 ∆V O Load Regulation IO = 1 to 100 mA TJ = 25°C 80 mV IO =1to 40mA TJ = 25°C 40 Id Quiescent Current TJ = 25°C 6 mA TJ = 125°C 5.5 mA ∆I d Quiescent Current Change IO =1to 40mA 0.2 mA VI =12 to23 V 1.5 eN Output Noise Voltage B =10Hz to 100KHz TJ = 25°C 70 µV SVR Supply Voltage Rejection VI = 12 to 23 V f = 120Hz IO =40 mA TJ = 25°C 36 44 dB Vd Dropout Voltage 1.7 V Symbol Parameter Test Conditions Min. Typ. Max. Unit VO Output Voltage TJ = 25°C 9.2 10 10.8 V VO Output Voltage IO = 1 to 40 mA VI =12.5 to 23 V 9 11 V IO = 1 to 70 mA VI =16V 9 11 ∆V O Line Regulation VI = 12.5 to 23 V TJ = 25°C 230 mV VI =13 to23 V TJ = 25°C 170 ∆V O Load Regulation IO = 1 to 100 mA TJ = 25°C 80 mV IO =1to 40mA TJ = 25°C 40 Id Quiescent Current TJ = 25°C 6 mA TJ = 125°C 5.5 mA ∆I d Quiescent Current Change IO =1to 40mA 0.1 mA VI =13 to23 V 1.5 eN Output Noise Voltage B =10Hz to 100KHz TJ = 25°C 60 µV SVR Supply Voltage Rejection VI = 14 to 23 V f = 120Hz IO =40 mA TJ = 25°C 37 45 dB Vd Dropout Voltage 1.7 V |