データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

AT83C21GC データシート(PDF) 2 Page - ATMEL Corporation

部品番号 AT83C21GC
部品情報  GemCore Serial Lite PRO
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  ATMEL [ATMEL Corporation]
ホームページ  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT83C21GC データシート(HTML) 2 Page - ATMEL Corporation

  AT83C21GC Datasheet HTML 1Page - ATMEL Corporation AT83C21GC Datasheet HTML 2Page - ATMEL Corporation AT83C21GC Datasheet HTML 3Page - ATMEL Corporation AT83C21GC Datasheet HTML 4Page - ATMEL Corporation AT83C21GC Datasheet HTML 5Page - ATMEL Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
2
AT83C21GC
4247AS–SCR–04/03
The connection with the host processor is achieved via a serial asynchronous link; the
rate can be selected from a range from 1200 to 115,200 bps.
The software inside the GemCore chip handles a communication protocol with the host
system called the Gemplus Block Protocol (GBP).
A complete set of documentation is available on the Gemplus web site:
http://www.gemplus.com.
A GBP Interface Library Kit can be provided, upon request. It consists of the source
code of the GBP communication layer between the host and GemCore. It is written in
the C language. See the Gemplus developers’ site at www.gemplus.com. Enquiries can
also be posted to cardreader@atmel.com.



Html Pages

1 2 3 4 5