データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

IIPW60R060C7 データシート(PDF) 2 Page - Inchange Semiconductor Company Limited

部品番号 IIPW60R060C7
部品情報  N-Channel MOSFET Transistor
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  ISC [Inchange Semiconductor Company Limited]
ホームページ  http://www.iscsemi.cn
Logo ISC - Inchange Semiconductor Company Limited

IIPW60R060C7 データシート(HTML) 2 Page - Inchange Semiconductor Company Limited

  IIPW60R060C7 Datasheet HTML 1Page - Inchange Semiconductor Company Limited IIPW60R060C7 Datasheet HTML 2Page - Inchange Semiconductor Company Limited  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
INCHANGE Semiconductor
isc website:www.iscsemi.cn
isc & iscsemi is registered trademark
2
isc N-Channel MOSFET Transistor
IPW60R060C7
IIPW60R060C7
ELECTRICAL CHARACTERISTICS
TC=25℃ unless otherwise specified
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNIT
BVDSS
Drain-Source Breakdown Voltage VGS=0V; ID=1mA
600
V
VGS(th)
Gate Threshold Voltage
VDS=VGS; ID=0.8mA
3
4
V
RDS(on)
Drain-Source On-Resistance
VGS=10V; ID=15.9A
60
mΩ
IGSS
Gate-Source Leakage Current
VGS= 20V; VDS= 0V
0.1
μ
A
IDSS
Drain-Source Leakage Current
VDS=600V; VGS= 0V
1
μ
A
VSD
Diode forward voltage
IF=15.9A, VGS = 0V
V



Html Pages

1 2