| データシートサーチシステム |
|
IIPW60R070C6 データシート(PDF) 2 Page - Inchange Semiconductor Company Limited |
|
|
|||||||||||||||||||||||||||||
IIPW60R070C6 データシート(HTML) 2 Page - Inchange Semiconductor Company Limited |
|
2 / 2 page ![]() INCHANGE Semiconductor isc website:www.iscsemi.cn isc & iscsemi is registered trademark 2 isc N-Channel MOSFET Transistor IPW60R070C6 IIPW60R070C6 ELECTRICAL CHARACTERISTICS TC=25℃ unless otherwise specified SYMBOL PARAMETER CONDITIONS MIN TYP MAX UNIT BVDSS Drain-Source Breakdown Voltage VGS=0V; ID=0.25mA 600 V VGS(th) Gate Threshold Voltage VDS=VGS; ID=1.72mA 2.5 3.5 V RDS(on) Drain-Source On-Resistance VGS=10V; ID=25.8A 70 mΩ IGSS Gate-Source Leakage Current VGS= 20V; VDS= 0V 0.1 μ A IDSS Drain-Source Leakage Current VDS=600V; VGS= 0V 5 μ A VSD Diode forward voltage IF=25.8A, VGS = 0V V |