データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

LPS33HW データシート(PDF) 45 Page - STMicroelectronics

部品番号 LPS33HW
部品情報  MEMS pressure sensor: 260-1260 hPa absolute digital output barometer with water-resistant package
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  STMICROELECTRONICS [STMicroelectronics]
ホームページ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LPS33HW データシート(HTML) 45 Page - STMicroelectronics

Back Button LPS33HW Datasheet HTML 41Page - STMicroelectronics LPS33HW Datasheet HTML 42Page - STMicroelectronics LPS33HW Datasheet HTML 43Page - STMicroelectronics LPS33HW Datasheet HTML 44Page - STMicroelectronics LPS33HW Datasheet HTML 45Page - STMicroelectronics LPS33HW Datasheet HTML 46Page - STMicroelectronics LPS33HW Datasheet HTML 47Page - STMicroelectronics LPS33HW Datasheet HTML 48Page - STMicroelectronics LPS33HW Datasheet HTML 49Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 45 / 50 page
background image
DocID030522 Rev 1
45/50
LPS33HW
Register description
50
8.23
LPFP_RES (33h)
Low-pass filter reset register.
If the LPFP is active, in order to avoid the transitory phase, the filter can be reset by
reading this register before generating pressure measurements.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50