データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

L9679P データシート(PDF) 121 Page - STMicroelectronics

部品番号 L9679P
部品情報  Automotive advanced airbag IC for mid/high end applications
PDF  272 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  STMICROELECTRONICS [STMicroelectronics]
ホームページ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9679P データシート(HTML) 121 Page - STMicroelectronics

Back Button L9679P Datasheet HTML 117Page - STMicroelectronics L9679P Datasheet HTML 118Page - STMicroelectronics L9679P Datasheet HTML 119Page - STMicroelectronics L9679P Datasheet HTML 120Page - STMicroelectronics L9679P Datasheet HTML 121Page - STMicroelectronics L9679P Datasheet HTML 122Page - STMicroelectronics L9679P Datasheet HTML 123Page - STMicroelectronics L9679P Datasheet HTML 124Page - STMicroelectronics L9679P Datasheet HTML 125Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 121 / 272 page
background image
DocID029275 Rev 1
121/272
L9679P
SPI interfaces
271
STS[3:0] 0000 0000 0000 Sensor Type Selection
0000 Synchronous PSI5, parity, 8-bit, 125k (P8P-500/3L)
0001 Synchronous PSI5, parity, 8-bit, 189k (P8P-500/3H)
0010 Synchronous PSI5, parity, 10-bit, 125k (P10P-500/3L)
0011 Synchronous PSI5, parity, 10-bit, 189k (P10P-500/3H)
0100 Synchronous PSI5, parity, 8-bit, 125k (P8P-500/3L)
0101 Synchronous PSI5, parity, 8-bit, 189k (P8P-500/4H)
0110 Synchronous PSI5, parity, 10-bit, 125k (P10P-500/3L)
0111 Synchronous PSI5, parity, 10-bit, 189k (P10P-500/4H)
1000 NA
1001 NA
1010 NA
1011 NA
1100 unused (default automatically selected)
1101 unused (default automatically selected)
1110 unused (default automatically selected)
1111 unused (default automatically selected)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More