データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

L9679P データシート(PDF) 191 Page - STMicroelectronics

部品番号 L9679P
部品情報  Automotive advanced airbag IC for mid/high end applications
PDF  272 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  STMICROELECTRONICS [STMicroelectronics]
ホームページ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9679P データシート(HTML) 191 Page - STMicroelectronics

Back Button L9679P Datasheet HTML 187Page - STMicroelectronics L9679P Datasheet HTML 188Page - STMicroelectronics L9679P Datasheet HTML 189Page - STMicroelectronics L9679P Datasheet HTML 190Page - STMicroelectronics L9679P Datasheet HTML 191Page - STMicroelectronics L9679P Datasheet HTML 192Page - STMicroelectronics L9679P Datasheet HTML 193Page - STMicroelectronics L9679P Datasheet HTML 194Page - STMicroelectronics L9679P Datasheet HTML 195Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 191 / 272 page
background image
DocID029275 Rev 1
191/272
L9679P
Safing logic
271
12.2
SPI sensor data decoding
Sensor data is regularly communicated with the main microcontroller through multiple SPI
messages. The L9679P monitors SPI traffic on MISO_RS bus. Since not all communications
between sensors and the microcontroller contain data, it is important for the decoder to
properly sort the communications and extract only the targeted data. The solution involves
defining specific masking functions, contained within independent safing records,
programmed by the user. The following figures detail the SPI message decoding methodology
and the ensuing comparisons of valid sensor data to the programmed thresholds.
Figure 50. Safing engine – 32-bit message decoding flow chart



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More