データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

W7F601-RK-10 データシート(PDF) 6 Page - Superworld Electronics

部品番号 W7F601-RK-10
部品情報  Common Mode Filter
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  SUPERWORLD [Superworld Electronics]
ホームページ  http://www.superworld.com.sg
Logo SUPERWORLD - Superworld Electronics

W7F601-RK-10 データシート(HTML) 6 Page - Superworld Electronics

  W7F601-RK-10 Datasheet HTML 1Page - Superworld Electronics W7F601-RK-10 Datasheet HTML 2Page - Superworld Electronics W7F601-RK-10 Datasheet HTML 3Page - Superworld Electronics W7F601-RK-10 Datasheet HTML 4Page - Superworld Electronics W7F601-RK-10 Datasheet HTML 5Page - Superworld Electronics W7F601-RK-10 Datasheet HTML 6Page - Superworld Electronics  
Zoom Inzoom in Zoom Outzoom out
 6 / 6 page
background image
Common Mode Filter – W7F Series
NOTE: Specifications subject to change without notice. Please check our website for latest information.
Proprietary and Confidential
Document of Superworld
06/12/2017
P6
9-3 Packaging Quantity
Chip Size
W7F
Chip/Reel
500
Inner Box
2,000
Middle Box
10,000
Carton
20,000
9-4 Tearing Off Force
Application Notice:
1. Storage Conditions:
To maintain the solderability of terminal electrodes:
a) Recommended products should be used within 12 months from the time of delivery.
b) The packaging material should be kept where no chlorine or sulfur exists in the air.
2. Transportation:
a) Products should be handled with care to avoid damage or contamination from perspiration and skin oils.
b) Vacuum pick up is strongly recommended for individual components.
c) Bulk handling should ensure that abrasion and mechanical shock are minimized.
The force for tearing off cover tape is 15 to 80 grams in the
arrow direction under the following conditions.
Room Temp.
(
℃)
Room
Humidity
(%)
Room atm
(hPa)
Tearing
Speed
mm/min
5~35
45~85
860~1060
300



Html Pages

1 2 3 4 5 6