データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

ESDA14V2L データシート(PDF) 6 Page - STMicroelectronics

部品番号 ESDA14V2L
部品情報  Dual Transil??array for ESD protection
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  STMICROELECTRONICS [STMicroelectronics]
ホームページ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ESDA14V2L データシート(HTML) 6 Page - STMicroelectronics

Back Button ESDA14V2L Datasheet HTML 2Page - STMicroelectronics ESDA14V2L Datasheet HTML 3Page - STMicroelectronics ESDA14V2L Datasheet HTML 4Page - STMicroelectronics ESDA14V2L Datasheet HTML 5Page - STMicroelectronics ESDA14V2L Datasheet HTML 6Page - STMicroelectronics ESDA14V2L Datasheet HTML 7Page - STMicroelectronics ESDA14V2L Datasheet HTML 8Page - STMicroelectronics ESDA14V2L Datasheet HTML 9Page - STMicroelectronics ESDA14V2L Datasheet HTML 10Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 11 page
background image
Package information
ESDAL
6/11
DocID7058 Rev 5
3
Package information
In order to meet environmental requirements, ST offers these devices in different grades of
ECOPACK® packages, depending on their level of environmental compliance. ECOPACK®
specifications, grade definitions and product status are available at: www.st.com.
ECOPACK® is an ST trademark.
Epoxy meets UL 94,V0
Lead-free package
3.1
SOT23-3L mechanical data
Figure 7: SOT23-3L package outline
005 3390_I



Html Pages

1 2 3 4 5 6 7 8 9 10 11