データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

ADAS1000BSTZ データシート(PDF) 32 Page - Analog Devices

部品番号 ADAS1000BSTZ
部品情報  Low Power, Five Electrode Electrocardiogram (ECG) Analog Front End
PDF  80 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  AD [Analog Devices]
ホームページ  http://www.analog.com
Logo AD - Analog Devices

ADAS1000BSTZ データシート(HTML) 32 Page - Analog Devices

Back Button ADAS1000BSTZ Datasheet HTML 28Page - Analog Devices ADAS1000BSTZ Datasheet HTML 29Page - Analog Devices ADAS1000BSTZ Datasheet HTML 30Page - Analog Devices ADAS1000BSTZ Datasheet HTML 31Page - Analog Devices ADAS1000BSTZ Datasheet HTML 32Page - Analog Devices ADAS1000BSTZ Datasheet HTML 33Page - Analog Devices ADAS1000BSTZ Datasheet HTML 34Page - Analog Devices ADAS1000BSTZ Datasheet HTML 35Page - Analog Devices ADAS1000BSTZ Datasheet HTML 36Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 80 page
background image
ADAS1000/ADAS1000-1/ADAS1000-2
Data Sheet
Figure 60. Electrode and Lead Configurations, Common Electrode A
Figure 61. Electrode and Lead Configurations, Single-Ended Input Electrode
VCM = RA
COMMON-
MODE AMP
AMP
ADC
ADC
ADC
ADC
ADC
CM_IN = RA
COMMON
ELECTRODE CE IN
+
–
CM_OUT/WCT
AMP
+
–
AMP
+
–
AMP
+
–
AMP
+
–
ECG1_LA
ECG2_LL
ECG3_RA = V3
ECG4_V1
ECG5_V2
MODE
COMMENT
WORD1
WORD2
WORD3
WORD4
WORD5
COMMON
ELECTRODE (CE)
LEADS (HERE RA
ELECTRODE IS
CONNECTED TO THE
CE ELECTRODE
(CM_IN) AND V3 IS ON
ECG3 INPUT)
LEAD I
(LA − RA)
LEAD II
(LL − RA)
V3’
(V3 – RA) − (LA − RA) − (LL − RA)
V1’
(V1 − RA) − (LA − RA) + (LL − RA)
V2’
(V2 − RA) − (LA − RA) + (LL − RA)
COMMON
ELECTRODE A
0x0A
[4]1
0x01
[10]2
0x05
[8]3
0
0
1
3
3
3
1REGISTER FRMCTL, BIT DATAFMT: 0 = LEAD/VECTOR MODE; 1 = ELECTRODE MODE.
2REGISTER ECGCTL, BIT CHCONFIG: 0 = SINGLE ENDED INPUT (DIGITAL LEAD MODE OR ELECTRODE MODE); 1 = DIFFERENTIAL IN PUT (ANALOG LEAD MODE).
3REGISTER CMREFCTL, BIT CEREFEN: 0 = CE DISABLED; 1 = CE ENABLED.
LEAD I
LEAD II
V3’
V1’
V2’
DIGITAL DOMAIN
CALCULATIONS
VCM = ( LA+ LL + RA + V1)/
4 IN THIS CASE
COMMON-
MODE AMP
AMP
ADC
ADC
ADC
ADC
ADC
CM_IN
FOR EXAMPLE, RA
COMMON
ELECTRODE CE IN
+
–
CM_OUT/WCT
LA – VCM
LL – VCM
RA – VCM
V1 – VCM
V2 – VCM
VCM COMMON MODE
CAN BE ANY COMBINATION
OF ELECTRODES
AMP
+
–
AMP
+
–
AMP
+
–
AMP
+
–
ECG1_LA
ECG 2_LL
ECG3_RA
ECG4_V1
ECG5_V2
MODE
COMMENT
WORD1
WORD2
WORD3
WORD4
WORD5
SINGLE-ENDED
INPUT ELECTRODE
RELATIVE TO VCM
LL − VCM
SINGLE-ENDED
INPUT
ELECTRODE
0x0A
[4]1
0x01
[10]2
0x05
[8]3
1
0
0
LA − VCM
RA − VCM
V1 − VCM
V2 − VCM
1REGISTER FRMCTL, BIT DATAFMT: 0 = LEAD/VECTOR MODE; 1 = ELECTRODE MODE.
2REGISTER ECGCTL, BIT CHCONFIG: 0 = SINGLE ENDED INPUT (DIGITAL LEAD MODE OR ELECTRODE MODE); 1 = DIFFERENTIAL IN PUT (ANALOG LEAD MODE).
3REGISTER CMREFCTL, BIT CEREFEN: 0 = CE DISABLED; 1 = CE ENABLED.
Rev. B | Page 32 of 80



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80