| データシートサーチシステム |
|
ADAS1000-4BSTZ データシート(PDF) 61 Page - Analog Devices |
|
|
|||||||||||||||||||||||||||||
ADAS1000-4BSTZ データシート(HTML) 61 Page - Analog Devices |
|
61 / 80 page ![]() Data Sheet ADAS1000-3/ADAS1000-4 Table 31. Pace Detection Control Register (PACECTL) Address 0x04, Reset Value = 0x000F881 EE AA /W R Default Bit Name Function [23:12] Reserved Reserved, set to 0 R/W 1 11 PACEFILTW Pace width filter 0 = filter disabled 1 (default) = filter enabled R/W 1 10 PACETFILT2 Pace Validation Filter 2 0 = filter disabled 1 (default) = filter enabled R/W 1 9 PACETFILT1 Pace Validation Filter 1 0 = filter disabled 1 (default) = filter enabled R/W 11 [8:7] PACE3SEL [1:0] Set lead for pace detection measurement 00 = Lead I 01 = Lead II 10 = Lead III 11 = Lead aVF R/W 00 [6:5] PACE2SEL [1:0] R/W 01 [4:3] PACE1SEL [1:0] R/W 0 2 PACE3EN Enable pace detection algorithm 0 (default) = pace detection disabled 1 = pace detection enabled R/W 0 1 PACE2EN R/W 0 0 PACE1EN 1 ADAS1000-4 model only, ADAS1000-3 model does not contain this feature. Rev. B | Page 61 of 80 |