データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

2N5796U データシート(PDF) 2 Page - TT Electronics.

部品番号 2N5796U
部品情報  Surface Mount Dual PNP Transistor
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  TTELEC [TT Electronics.]
ホームページ  http://www.ttelectronics.com/
Logo TTELEC - TT Electronics.

2N5796U データシート(HTML) 2 Page - TT Electronics.

  2N5796U Datasheet HTML 1Page - TT Electronics. 2N5796U Datasheet HTML 2Page - TT Electronics. 2N5796U Datasheet HTML 3Page - TT Electronics.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
© TT electronics plc
General Note
TT Electronics reserves the right to make changes in product specification without
notice or liability. All information is subject to TT Electronics’ own data and is
considered accurate at time of going to print.
Surface Mount Dual PNP
Transistor
2N5796U (TX, TXV)
Issue C
08/2016
Page 2
OPTEK Technology, Inc.
1645 Wallace Drive, Carrollton, TX 75006|Ph: +1 972 323 2200
www.optekinc.com | www.ttelectronics.com
Absolute Maximum Ratings (TA = 25° C unless otherwise noted)
Collector‐Emi er  Voltage  
60 V 
Collector‐Base Voltage 
60 V 
Emi er‐Base Voltage 
5 V 
Collector Current‐Con nuous 
600 mA 
Opera ng Junc on Temperature (TJ) ‐65° C to +200 °C 
Storage Junc on Temperature (Tstg) ‐65° C to +200° C 
Power Dissipa on @ TA = 25°C 
0.5 W 
Power Dissipa on @ Tc = 25° C 
0.6 W
(1) 
Soldering Temperature (vapor phase reflow for 30 seconds) 
215° C 
Soldering Temperature (heated collet for 5 seconds) 
260° C 
Electrical Specifications
Electrical Characteristics (TA = 25° C unless otherwise noted)
SYMBOL
PARAMETER
MIN
MAX
UNITS
TEST CONDITIONS
OFF CHARACTERISTICS  
V(BR)CBO 
Collector‐Base Breakdown Voltage 
75  
 
IC = 10 µA 
V(BR)CEO 
Collector‐Emi er Breakdown Voltage 
60  
IC = 10 mA
(1) 
V(BR)EBO 
Emi er‐Base Breakdown Voltage 
5  
IE = 10 µA 
ICBO1 
Collector‐Base Cutoff Current  
10 
nA 
VCB = 50 V 
ICBO2 
Collector‐Base Cutoff Current  
10 
µA 
VBC = 50 V, TA = 150°C 
IEBO 
Emi er‐Base Cutoff Current  
100 
nA 
VEB = 3 V 
hFE1 
Forward‐Current Transfer Ra o 
75  
‐ 
VCE = 10 V, IC = 100 µA 
hFE2 
100 
 
‐ 
VCE = 10 V, IC = 1.0 mA 
hFE3 
100 
 
‐ 
VCE = 10 V, IC = 10 mA
(1) 
hFE4 
100 
300 ‐ 
VCE = 10 V, IC = 150 mA
(1) 
hFE5 
50 
 
‐ 
VCE = 10 V, IC = 300 mA
(1) 
hFE6 
50 
 
‐ 
VCE = 1.0 V, IC = 150 mA
(1) 
hFE7 
40 
 
‐ 
VCE = 10 V, IC = 150 mA, TA = ‐55° C
(1) 
Note: 
1.  Pulsed Test: Pulse Width = 300 µs ± 50, 1‐2 % Duty Cycle 



Html Pages

1 2 3


データシート ダウンロード

Go To PDF Page


リンク URL



ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   データシートへのリンク    |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com