データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

74ACT245B データシート(PDF) 6 Page - STMicroelectronics

部品番号 74ACT245B
部品情報  OCTAL BUS TRANSCEIVER WITH 3 STATE OUTPUTS (NON INVERTED)
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  STMICROELECTRONICS [STMicroelectronics]
ホームページ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

74ACT245B データシート(HTML) 6 Page - STMicroelectronics

  74ACT245B Datasheet HTML 1Page - STMicroelectronics 74ACT245B Datasheet HTML 2Page - STMicroelectronics 74ACT245B Datasheet HTML 3Page - STMicroelectronics 74ACT245B Datasheet HTML 4Page - STMicroelectronics 74ACT245B Datasheet HTML 5Page - STMicroelectronics 74ACT245B Datasheet HTML 6Page - STMicroelectronics 74ACT245B Datasheet HTML 7Page - STMicroelectronics 74ACT245B Datasheet HTML 8Page - STMicroelectronics 74ACT245B Datasheet HTML 9Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 6 / 9 page
background image
74ACT245
6/9
DIM.
mm
inch
MIN.
TYP.
MAX.
MIN.
TYP.
MAX.
a1
0.254
0.010
B
1.39
1.65
0.055
0.065
b0.45
0.018
b1
0.25
0.010
D
25.4
1.000
E8.5
0.335
e2.54
0.100
e3
22.86
0.900
F7.1
0.280
I3.93
0.155
L3.3
0.130
Z1.34
0.053
P001J
Plastic DIP-20 (0.25) MECHANICAL DATA



Html Pages

1 2 3 4 5 6 7 8 9