データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

STA1088 データシート(PDF) 10 Page - STMicroelectronics

部品番号 STA1088
部品情報  Telemaco2 family of telematics and connectivity microprocessors
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  STMICROELECTRONICS [STMicroelectronics]
ホームページ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STA1088 データシート(HTML) 10 Page - STMicroelectronics

Back Button STA1088 Datasheet HTML 6Page - STMicroelectronics STA1088 Datasheet HTML 7Page - STMicroelectronics STA1088 Datasheet HTML 8Page - STMicroelectronics STA1088 Datasheet HTML 9Page - STMicroelectronics STA1088 Datasheet HTML 10Page - STMicroelectronics STA1088 Datasheet HTML 11Page - STMicroelectronics STA1088 Datasheet HTML 12Page - STMicroelectronics STA1088 Datasheet HTML 13Page - STMicroelectronics STA1088 Datasheet HTML 14Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 16 page
background image
Package information
STA1074, STA1078, STA1079, STA1088
10/16
DocID028356 Rev 1
3
Package information
In order to meet environmental requirements, ST offers these devices in different grades of
ECOPACK® packages, depending on their level of environmental compliance. ECOPACK®
specifications, grade definitions and product status are available at: www.st.com.
ECOPACK® is an ST trademark.
3.1
TFBGA256 (11x11x1.2 mm) package information
Figure 4. TFBGA256 (11x11x1.2 mm) package outline



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16