データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

STWBC-EPTR データシート(PDF) 22 Page - STMicroelectronics

部品番号 STWBC-EPTR
部品情報  Digital controller for wireless battery chargers transmitters for Qi 15 W applications
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  STMICROELECTRONICS [STMicroelectronics]
ホームページ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STWBC-EPTR データシート(HTML) 22 Page - STMicroelectronics

Back Button STWBC-EPTR Datasheet HTML 18Page - STMicroelectronics STWBC-EPTR Datasheet HTML 19Page - STMicroelectronics STWBC-EPTR Datasheet HTML 20Page - STMicroelectronics STWBC-EPTR Datasheet HTML 21Page - STMicroelectronics STWBC-EPTR Datasheet HTML 22Page - STMicroelectronics STWBC-EPTR Datasheet HTML 23Page - STMicroelectronics STWBC-EPTR Datasheet HTML 24Page - STMicroelectronics STWBC-EPTR Datasheet HTML 25Page - STMicroelectronics STWBC-EPTR Datasheet HTML 26Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 32 page
background image
Electrical characteristics
STWBC-EP
22/32
DocID030747 Rev 1
6.9.4
Typical output level curves
This section shows the typical output level curves measured on a single output pin for the
three pad family present in the STWBC-EP device.
Standard pad
This pad class is associated to the following pins: I2C_SDA, I2C_SCL, LED, QC_IO,
SYMBOL_DETECT, SWIM, UART_TX.
Figure 9. VOH standard pad at 3.3 V
Figure 10. VOL standard pad at 3.3 V
Figure 11. VOH standard pad at 5 V
Figure 12. VOL standard pad at 5 V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32