データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

FC13976 データシート(PDF) 21 Page - Ledil, Inc.

部品番号 FC13976
部品情報  Angelina RefPack
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  LEDIL [Ledil, Inc.]
ホームページ  http://www.ledil.com/
Logo LEDIL - Ledil, Inc.

FC13976 データシート(HTML) 21 Page - Ledil, Inc.

Back Button FC13976 Datasheet HTML 13Page - Ledil, Inc. FC13976 Datasheet HTML 14Page - Ledil, Inc. FC13976 Datasheet HTML 15Page - Ledil, Inc. FC13976 Datasheet HTML 16Page - Ledil, Inc. FC13976 Datasheet HTML 17Page - Ledil, Inc. FC13976 Datasheet HTML 18Page - Ledil, Inc. FC13976 Datasheet HTML 19Page - Ledil, Inc. FC13976 Datasheet HTML 20Page - Ledil, Inc. FC13976 Datasheet HTML 21Page - Ledil, Inc.  
Zoom Inzoom in Zoom Outzoom out
 21 / 21 page
background image
NOTE: The typical divergence will be changed by different color, chip size and chip position
tolerance. The typical total divergence is the full angle measured where the luminous intensity
is half of the peak value.
GENERAL INFORMATION
- Product series especially designed & optimized for series of LEDs.
- Special care taken to make light distribution as uniform as possible.
Note! Due to use of high power COB's with this product, special attention to proper thermal design is highly
recommended. LEDiL has no liability for direct, indirect or consecutive damages arising from the LEDiL
products being used outside of the recommended temperature range.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21