データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

FN15272 データシート(PDF) 23 Page - Ledil, Inc.

部品番号 FN15272
部品情報  Angelette RefPack
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  LEDIL [Ledil, Inc.]
ホームページ  http://www.ledil.com/
Logo LEDIL - Ledil, Inc.

FN15272 データシート(HTML) 23 Page - Ledil, Inc.

Back Button FN15272 Datasheet HTML 15Page - Ledil, Inc. FN15272 Datasheet HTML 16Page - Ledil, Inc. FN15272 Datasheet HTML 17Page - Ledil, Inc. FN15272 Datasheet HTML 18Page - Ledil, Inc. FN15272 Datasheet HTML 19Page - Ledil, Inc. FN15272 Datasheet HTML 20Page - Ledil, Inc. FN15272 Datasheet HTML 21Page - Ledil, Inc. FN15272 Datasheet HTML 22Page - Ledil, Inc. FN15272 Datasheet HTML 23Page - Ledil, Inc.  
Zoom Inzoom in Zoom Outzoom out
 23 / 23 page
background image
NOTE: The typical divergence will be changed by different color, chip size and chip position
tolerance. The typical total divergence is the full angle measured where the luminous intensity
is half of the peak value.
GENERAL INFORMATION
- Product series especially designed & optimized for series of LEDs.
- Special care taken to make light distribution as uniform as possible.
Note! Due to use of high power COB's with this product, special attention to proper thermal design is highly
recommended. LEDiL has no liability for direct, indirect or consecutive damages arising from the LEDiL
products being used outside of the recommended temperature range.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23